Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
AD7381-4
Data Sheet
Rev. 0 | Page 22 of 31
Serial 1-Wire Mode
In applications where slower throughput rates are allowed or
normal averaging oversampling is used, the serial interface can
be configured to operate in 1-wire mode. In 1-wire mode, the
conversion results from ADC A, ADC B, ADC C, and ADC D
are output on SDOA. Additional SCLK cycles are required to
propagate all data. ADC A data is output first followed by the
ADC B, ADC C, and ADC D conversion results.
LOW LATENCY READBACK
The interface on the AD7381-4 has a one-cycle latency as
shown in Figure 38. For applications that operate at lower
throughput rates the latency of reading the conversion result
can be reduced. After the conversion time (tCONVERT) elapses, a
second CS pulse after the initial CS pulse that initiated the
conversion can be used to read back the conversion result. This
operation is shown in Figure 41.
CS
INVALID
S0A
S1A
SDOA
INVALID
S0B
S1B
SDOB
INVALID
S0C
S1C
SDOC
INVALID
S0D
S1D
SDOD
NOP
NOP
SDI
S0
S1
S2
S3
Figure 38. Read Conversion Results, 4-Wire Mode
CS
INVALID
0A
0C
1A
1C
SDOA
INVALID
0B
S0D
1B
1D
SDOB
NOP
NOP
NOP
SDI
S0
1
S2
S3
Figure 39. Reading Conversion Results, 2-Wire Mode
0A
0C
0B
S0D
1A
1C
1B
1D
S0
1
S2
S3
CS
INVALID
SDOA
NOP
NOP
NOP
SDI
Figure 40. Read Conversion Results, 1-Wire Mode
CS
DON'T CARE
ACQ
DON'T CARE
ACQ
INTERNAL
RESULTn
RESULTn + 1
CNVn + 1
CNVn
SDOA
SDOB
SCLK
TARGET SAMPLE PERIOD
Figure 41. Low Throughput Low Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com