Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
AD7381-4
Data Sheet
Rev. 0 | Page 24 of 31
CRC Polynomial
For CRC checksum calculations, the following polynomial is
always used: x8 + x2 + x + 1.
To generate the checksum, the 14-bit data conversion result of
the four channels are combined to produce a 56-bit data
stream. The 8 MSBs of the 56-bit data are inverted and then the
data is appended by eight bits to create a number ending in
eight Logic 0s. The polynomial is aligned such that its MSB is
adjacent to the leftmost Logic 1 of the data. An exclusive OR
(XOR) function is applied to the data to produce a new, shorter
number. The polynomial is again aligned such that its MSB is
adjacent to the leftmost Logic 1 of the new result, and the
procedure is repeated. This process repeats until the original
data is reduced to a value less than the polynomial, which is the
8-bit checksum.
For example, the AD7381-4 polynomial is 100000111. Let the
original data of four channels be 0xAAAA, 0x5555, 0xAAAA,
and 0x5555. The eight MSBs of the data are inverted. The data
is then appended to include eight 0s on right. In the final XOR
operation, the reduced data is less than the polynomial.
Therefore, the remainder is the CRC for the assumed data.
Table 14. Example CRC Calculation for 4-Channel, 16-Bit Data
Data
1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 X1 X1 X1 X1 X1 X1 X1 X1
Process Data 0 1 0 1 0 1 0 1 1 0 1 0 1 0 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
0 0 0 0 0 0 0
1 0 0 0 0 0 1 1 1
1 0 1 0 0 0 1 1 0
1 0 0 0 0 0 1 1 1
1 0 0 0 0 0 1 1 0
1 0 0 0 0 0 1 1 1
1 1 0 0 1 0 1 0 1
1 0 0 0 0 0 1 1 1
1 0 0 1 0 0 1 0 0
1 0 0 0 0 0 1 1 1
1 0 0 0 1 1 1 0 1
1 0 0 0 0 0 1 1 1
1 1 0 1 0 0 1 0 1
1 0 0 0 0 0 1 1 1
1 0 1 0 0 0 1 0 0
1 0 0 0 0 0 1 1 1
1 0 0 0 0 1 1 1 0
1 0 0 0 0 0 1 1 1
1 0 0 1
0
0
0
0
0
1 0 0 0
0
0
1
1
1
CRC
1
0
0
1
1
1
0
0
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com