Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 61 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 61 Page - ams AG

Back Button AS3715 Datasheet HTML 57Page - ams AG AS3715 Datasheet HTML 58Page - ams AG AS3715 Datasheet HTML 59Page - ams AG AS3715 Datasheet HTML 60Page - ams AG AS3715 Datasheet HTML 61Page - ams AG AS3715 Datasheet HTML 62Page - ams AG AS3715 Datasheet HTML 63Page - ams AG AS3715 Datasheet HTML 64Page - ams AG AS3715 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
ams Datasheet, Confidential
Page 61
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – System Functions
Figure 61:
Regulator Power-down Sequence
Regulator Power-down Sequence: Shows timing relationships of the regulators and corresponding control
signals during power-down.
all regulators not in the
sequence
VSUP
VSUP < ResVoltFall or ONKEY lpress or
power_off = 1 or force_reset = 1 or
XRES = low or die temp >140°C or
4ms debounce for
VSUP only
Reg11_select
0, 1, 4 or 12ms delay
depending on Reg11_gpio_sel
and del _time
off_delay = 0, 8, 16 or 32ms
. . .
Reg10_select
. . . . . .
0, 1, 4 or 12ms delay
depending on Reg10_gpio_sel
and del _time
0, 1, 4 or 12ms delay
depending on Reg2_gpio _sel
and del_time
Reg2_select
Reg1_select
XRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com