Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 81 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 81 Page - ams AG

Back Button AS3715 Datasheet HTML 77Page - ams AG AS3715 Datasheet HTML 78Page - ams AG AS3715 Datasheet HTML 79Page - ams AG AS3715 Datasheet HTML 80Page - ams AG AS3715 Datasheet HTML 81Page - ams AG AS3715 Datasheet HTML 82Page - ams AG AS3715 Datasheet HTML 83Page - ams AG AS3715 Datasheet HTML 84Page - ams AG AS3715 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
ams Datasheet, Confidential
Page 81
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
34h
ResetTimer
-
stby_reset_disable
auto_off
off_delay<4:3>
-
res_timer<1:0>
35h
ReferenceControl
on_reset_delay
reg_low_bias_mode
clk_div2
standby_mode
_on
clk_int<3:1>
low_power_
on
36h
ResetControl
mask_ovtemp
reset_reason<6:3>
on_input
power_off
force_reset
37h
OvertemperatureCo
ntrol
rst_ov_temp_
140
ov_temp_140
ov_temp_110
temp_pmc_
on
38h
WatchdogControl
-
wtdg_res_on
wtdg_on
39h
Reg_standby_mod1
disable_regpd
-
sd4_stby_on
sd3_stby_on
sd2_stby_on
sd1_stby_on
3ah
Reg_standby_mod2
ldo8_stby_on
ldo7_stby_on
ldo6_stby_on
ldo5_stby_on
ldo4_stby_on
ldo3_stby_on
ldo2_stby_on
ldo1_stby_
on
3bh
Reg_sequ_mod1
-
sd4_sequ_on
sd3_sequ_on
sd2_sequ_on
sd1_sequ_
on
3ch
Reg_sequ_mod2
ldo8_sequ_on
ldo7_sequ_on
ldo6_sequ_on
ldo5_sequ_on
ldo4_sequ_on
ldo3_sequ_on
ldo2_sequ_on
ldo1_sequ_
on
40h
curr_control
curr3_ctrl<7:4>
curr2_ctrl<3:2>
curr1_ctrl<1:0>
41h
pwm_control_l
pwm_l_time<7:0>
42h
pwm_control_h
pwm_h_time<7:0>
43h
curr1_value
curr1_current<7:0>
44h
curr2_value
curr2_current<7:0>
45h
curr3_value
curr3_current<7:0>
46h
Watchdog_min_tim
er
wtdg_min_timer<7:0>
47h
Watchdog_max_tim
er
wtdg_max_timer<7:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com