Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 10 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 10 Page - ams AG

Back Button AS3715 Datasheet HTML 6Page - ams AG AS3715 Datasheet HTML 7Page - ams AG AS3715 Datasheet HTML 8Page - ams AG AS3715 Datasheet HTML 9Page - ams AG AS3715 Datasheet HTML 10Page - ams AG AS3715 Datasheet HTML 11Page - ams AG AS3715 Datasheet HTML 12Page - ams AG AS3715 Datasheet HTML 13Page - ams AG AS3715 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
Page 10
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Absolute Maximum R atings
Note(s) and/or Footnote(s):
1. Depending on actual PCB layout and PCB used.
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”.
Temperature Ranges and Storage Conditions
TA
Operating Temperature
-40
+85
°C
RTHJA
Junction to Ambient
Thermal Resistance
°C/W
RTHJA typ. 45K/W
TJ
Junction Temperature
+125
°C
Storage Temperature
Range
-55
+125
°C
TBODY
Package Body Temperature
+260
°C
Norm IPC/JEDEC J-STD-020 (2)
Humidity non-condensing
5
85
%
Moisture Sensitive Level
1
Represents an unlimited floor life time
Symbol
Parameter
Min
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com