Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 100 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 100 Page - ams AG

Back Button AS3715 Datasheet HTML 96Page - ams AG AS3715 Datasheet HTML 97Page - ams AG AS3715 Datasheet HTML 98Page - ams AG AS3715 Datasheet HTML 99Page - ams AG AS3715 Datasheet HTML 100Page - ams AG AS3715 Datasheet HTML 101Page - ams AG AS3715 Datasheet HTML 102Page - ams AG AS3715 Datasheet HTML 103Page - ams AG AS3715 Datasheet HTML 104Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 160 page
background image
Page 100
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Register Description
Figure 105:
Reg2_Voltage
Figure 106:
Reg_control
Addr:23h
Reg2_Voltage
Bit
Bit Name
Default
Access
Bit Description
7:0
Reg2_voltage
b00000000
RW
This register is mapped to the register address
0h+Reg1_select, if gioX_iosf=5 or 6 (Vselect input), and
input = 1, This feature allows voltage switching of a
predefined regulator with just one GPIO input
0 ..FFh : Selects voltage, ilimit, ON or frequ. Bits of LDO or
DCDC
Addr:24h
Reg_control
Bit
Bit Name
Default
Access
Bit Description
7:4
Reg_select2
b1111
RW
Selects regulator for mapping feature
if reg_select2 ≥ 0Ch then feature disabled
3:0
Reg_select1
b1111
RW
Selects regulator for mapping feature
if reg_select1 ≥ 0Ch then feature disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com