Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 80 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 80 Page - ams AG

Back Button AS3715 Datasheet HTML 76Page - ams AG AS3715 Datasheet HTML 77Page - ams AG AS3715 Datasheet HTML 78Page - ams AG AS3715 Datasheet HTML 79Page - ams AG AS3715 Datasheet HTML 80Page - ams AG AS3715 Datasheet HTML 81Page - ams AG AS3715 Datasheet HTML 82Page - ams AG AS3715 Datasheet HTML 83Page - ams AG AS3715 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 160 page
background image
Page 80
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3 715 − Register Description
10h
SDcontrol
-
sd4_force_pwm
sd1_force_
pwm
sd4_enable
sd3_enable
sd2_enable
sd1_enable
11h
LDOcontrol
-
ldo8_enable
ldo7_enable
ldo6_enable
ldo5_enable
ldo4_enable
ldo3_enable
20h
GPIOsignal_out
gpio8_out
gpio7_out
gpio6_out
gpio5_out
gpio4_out
gpio3_out
gpio2_out
gpio1_out
21h
GPIOsignal_in
gpio8_in
gpio7_in
gpio6_in
gpio5_in
gpio4_in
gpio3_in
gpio2_in
gpio1_in
22h
Reg1_Voltage
Reg1_voltage<7:0>
23h
Reg2_Voltage
Reg2_voltage<7:0>
24h
Reg_control
Reg_select2<7:4>
Reg_select1<3:0>
25h
GPIOctrl_sd
gpio_ctrl_sd4<7:6>
gpio_ctrl_sd3<5:4>
gpio_ctrl_sd2<3:2>
gpio_ctrl_sd1<1:0>
26h
GPIOctrl_ldo1
gpio_ctrl_ldo4<7:6>
gpio_ctrl_ldo3<5:4>
gpio_ctrl_ldo2<3:2>
gpio_ctrl_ldo1<1:0>
27h
GPIOctrl_ldo2
gpio_ctrl_ldo8<7:6>
gpio_ctrl_ldo7<5:4>
gpio_ctrl_ldo6<3:2>
gpio_ctrl_ldo5<1:0>
2bh
Reg3_Voltage
Reg3_voltage<7:0>
2ch
Reg_control3
-
Reg_select3<3:0>
2dh
SD4_control1
sd4_ilimit<7:6>
sd4_trim_gm<5:4>
sd4_lv_deb<3:2>
sd4_combine_
phase
sd4_phases
2eh
SD4_control2
temp_sd4_
shutdown
temp_sd4_alarm
sdmph_clk_div<5:4>
sd4_startslew<3:2>
sd4_nph_auto
sd4_phsw_
on
30h
SD_control1
sd4_low_noise
sd3_low_noise
sd2_low_noise
sd1_low_noise
sd4_fast
sd3_fast
sd2_fast
sd1_fast
31h
SD_control2
dvm_time_sd4<7:6>
dvm_time_sd1<5:4>
sd3_slave
sd3_fsel
sd2_fsel
sd2_slave
32h
Battery_voltage_m
onitor
FastResEn
SupResEn
ResVoltFall<5:3>
ResVoltRise<2:0>
33h
Startup_Control
-
onkey_lpress_
reset
chg_pwr_off_en
power_off_
at_vsuplow
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com