Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 67 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 67 Page - ams AG

Back Button AS3715 Datasheet HTML 63Page - ams AG AS3715 Datasheet HTML 64Page - ams AG AS3715 Datasheet HTML 65Page - ams AG AS3715 Datasheet HTML 66Page - ams AG AS3715 Datasheet HTML 67Page - ams AG AS3715 Datasheet HTML 68Page - ams AG AS3715 Datasheet HTML 69Page - ams AG AS3715 Datasheet HTML 70Page - ams AG AS3715 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 160 page
background image
ams Datasheet, Confidential
Page 67
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – System Functions
Current Sink PWM Input
The GPIO is used as PMW input for the current sink to control
the current. 100% PWM mode will set the current to the value
set by currX_current. The PWM control has to be enabled by
currX_ctrl =11b for each current sink to be controlled. The
gpioX_mode should be set to input.
Vselect Input
As long as the GPIOx pin is low the DCDC/LDOs operate with
the normal register settings. If the GPIOx pin goes high the
settings will change to the ones stored in regX_voltage.
The gpioX_mode should be set to input.
The regulator affected by this mode is selected by regX_select.
While GPIO3 to GPIO6 always control all regulators selected by
regX_select, GPIO1 and GPIO2 may be used to control two
regulators separately:
Figure 69:
GPIO Vselect Modes
Vselect Mode: Shows the different GPIO voltage control modes for regulators.
Stand-by and Vselect Input
This mode is very similar to the Vselect mode described in the
previous paragraph. In addition to switch between 2 register
settings of 3 regulators, the chip is set to stand-by mode when
the GPIOx pin goes high and wakes up again when the pin is
pulled low.
The gpioX_mode should be set to input.
While GPIO3 to GPIO6 always control all regulators selected by
regX_select, GPIO1 and GPIO2 may be used to control two
regulators separately:
gpio1_iosf
gpio2_iosf
Vselect mode
≠ 5
≠ 5
No voltage select by GPIO for regulator
≠ 5
5
GPIO2 controls regulator selected by reg1_select, reg2_select and
reg3_select
5≠ 5
GPIO1 controls regulator selected by reg1_select, reg2_select and
reg3_select
55
GPIO1 controls regulator selected by reg1_select
GPIO2 controls regulator selected by reg2_select & reg3_select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com