Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 68 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 68 Page - ams AG

Back Button AS3715 Datasheet HTML 64Page - ams AG AS3715 Datasheet HTML 65Page - ams AG AS3715 Datasheet HTML 66Page - ams AG AS3715 Datasheet HTML 67Page - ams AG AS3715 Datasheet HTML 68Page - ams AG AS3715 Datasheet HTML 69Page - ams AG AS3715 Datasheet HTML 70Page - ams AG AS3715 Datasheet HTML 71Page - ams AG AS3715 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 160 page
background image
Page 68
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – System Functions
Figure 70:
GPIO Stand-by and Vselect Modes
Stand-by and Vselect Mode: Shows the different GPIO voltage and stand-by control modes for regulators.
PWRGOOD Output
This signal will go high at the end of the start-up sequence. This
can be used as a second reset signal to the processor to e.g.
start oscillators. The gpioX_mode should be set to output.
Q32k Output
When selected the GPIOx will provide the internal 32kHz
oscillator frequency. The gpioX_mode should be set to output.
Watchdog Input
When pulling the GPIO high the watchdog will be triggered to
avoid a reset cycle initiated by the watchdog. The gpioX_mode
should be set to input.
SU1 OC Output
This output signal can be used to control an external disconnect
transistor if SU1 detects an over current condition. The
gpioX_mode should be set to output.
Charger Active Output
When selected, the GPIOx will go high if the charger is active.
The gpioX_mode should be set to output.
EOC Output
When selected, the GPIOx will go high if the charger has reached
the EOC state. The gpioX_mode should be set to output.
100/900mA Charger Input
With this function the charger input current limiter can be set
to 100 or 900mA (low power or high power USB limit). The
gpioX_mode should be set to input.
gpio1_iosf
gpio2_iosf
Vselect mode
Stand-by control
≠ 6
≠ 6
No voltage select by GPIO for regulator
No
≠ 6
6
GPIO2 controls regulator selected by reg1_select,
reg2_select and reg3_select
Yes
6≠ 6
GPIO1 controls regulator selected by reg1_select,
reg2_select and reg3_select
Yes
66
GPIO1 controls regulator selected by reg1_select
GPIO2 controls regulator selected by reg2_select
& reg3_select
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com