Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 160 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 160 Page - ams AG

Back Button AS3715 Datasheet HTML 152Page - ams AG AS3715 Datasheet HTML 153Page - ams AG AS3715 Datasheet HTML 154Page - ams AG AS3715 Datasheet HTML 155Page - ams AG AS3715 Datasheet HTML 156Page - ams AG AS3715 Datasheet HTML 157Page - ams AG AS3715 Datasheet HTML 158Page - ams AG AS3715 Datasheet HTML 159Page - ams AG AS3715 Datasheet HTML 160Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 160 / 160 page
background image
Page 160
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Content Guide
67
Current Sink PWM Input
67
Vselect Input
67
Stand-by and Vselect Input
68
PWRGOOD Output
68
Q32k Output
68
Watchdog Input
68
SU1 OC Output
68
Charger Active Output
68
EOC Output
68
100/900mA Charger Input
69
900mA/2.5A Charger Input
69
Charging Enable Input
69
PWM Output
69
Parameter
70
Supervisor
70
Temperature Supervision (main die)
70
Temperature Supervision SD4 (sub die)
71
Watchdog
71
Description
71
Interrupt Generation
71
Description
72
10-Bit ADC
72
Description
73
Parameter
74
Serial Control Interfaces
74
I²C Feature List
75
I²C Protocol
75
I²C Write Access
76
I²C Read access
78
I²C Parameter
79
Register Description
79
Register Overview
87
Detailed Register Description
148 Application Information
148 Application Schematics
149 PCB Routing Recommendations
149 Internal DCDC
149 Power Stage Connections
151 Package Drawings & Markings
153 Ordering & Contact Information
154 RoHS Compliant & ams Green Statement
155 Copyrights & Disclaimer
156 Document Status
157 Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com