Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 5 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 5 Page - Microchip Technology

  TA100 Datasheet HTML 1Page - Microchip Technology TA100 Datasheet HTML 2Page - Microchip Technology TA100 Datasheet HTML 3Page - Microchip Technology TA100 Datasheet HTML 4Page - Microchip Technology TA100 Datasheet HTML 5Page - Microchip Technology TA100 Datasheet HTML 6Page - Microchip Technology TA100 Datasheet HTML 7Page - Microchip Technology TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
...........continued
Pin Name
Pin Number
Function
SDA
5
I2C Data
SCL
6
I2C Clock
RESET
7
Reset Input, active low
VCC
8
2.7V-5.5V Power Supply
Figure 1-2. Pinout
1
2
3
4
SDA
SCL
5
6
RESET
7
VCC
8
GPIO_1
GPIO_2
GPIO_3
VSS
RESET
GPIO
Pwr/Gnd
I2C I/O
1.3
SOIC-14 Pinout with I2C and SPI Interface
In the 14-pin package, there is access to both the I2C and SPI bus pins. Both can be used simultaneously. However,
any concurrent transactions must be to different blocks in the device.
Pull-up resistors are required for proper operation of the I2C bus, sized according to the board configuration and bus
speed required per the I2C specification.
Table 1-3. 14-Pin SOIC Pin Configuration
Pin Name
Pin Number
Function
CS
1
Chip Select for SPI
GPIO_1
2
General Purpose I/O pin
GPIO_2
3
General Purpose I/O pin
NC
4, 5
Not Internally Connected
GPIO_3
6
General Purpose I/O pin
VSS
7
Ground
SDA
8
I2C Data
SCL
9
I2C Clock
SI
10
SPI Serial Data Input
SCK
11
SPI Clock
SO
12
SPI Serial Data Output
RESET
13
Reset Input, active low
VCC
14
2.7V-5.5V Power Supply
TA100 (B5)
Pin Configuration
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com