Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 12 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology TA100 Datasheet HTML 10Page - Microchip Technology TA100 Datasheet HTML 11Page - Microchip Technology TA100 Datasheet HTML 12Page - Microchip Technology TA100 Datasheet HTML 13Page - Microchip Technology TA100 Datasheet HTML 14Page - Microchip Technology TA100 Datasheet HTML 15Page - Microchip Technology TA100 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Notes: 
1.
Type means: A = 100% tested, B = characterized, C = design parameter.
2.
Idle means that power is applied, the device is NOT in Sleep mode and no commands nor instructions are
running.
3.
The state of the VCC latches will be retained so long as VCC remains above the VPOR level.
4.
Active current is measured with all GPIO pins either driven to ground or configured as inputs. Active current
also excludes any DC load on the I/O pins.
Table 6-2. DC Characteristics – SPI Interface, RESET and GPIO Pins
Applicable over the recommended operating range from TA = -40°C to +125°C, VCC = +2.7V to +5.5V.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Units
Type(1)
Input Current(2)
0.1VCC < Vi < 0.9VCC
IL
-2
—
+2
µA
A
Programmable Pull-Up
—
RPU
24k
40k
62k
Ω
A
High-Level Output Voltage
IOH = -4 mA
VOH
VCC – 0.4
—
—
V
A
Low-Level Output Voltage
IOL = 4 mA
VOL
—
—
0.4
V
A
Notes: 
1.
Type means: A = 100% tested
2.
This specification is only valid when the internal pull-ups are disabled. Otherwise, the input current is
determined by the internal pull-up resistance value RPU.
Table 6-3. DC Characteristics of SDA and SCL Pins for I2C Interface
Applicable over the recommended operating range from TA = -40°C to +125°C, VCC = +2.7V to +5.5V.
Parameters
Test Conditions
Symbol
Min.
Typ
Max.
Units
Type(1)
Input Current(2)
0.1VCC < Vi < 0.9VCC
Ii
-10
—
+10
µA
A
Low-Level Output Voltage
IOL = 20 mA
VCC > 3.6V to 5.5V
VOL
0
—
0.4
V
B
IOL = 14 mA
VCC = 2.7V to 3.6V
VOL
0
—
0.4
V
B
Programmable Pull-Up
—
RPU
2.3k
3.0k
4.5k
Ω
A
Notes: 
1.
Type means: A = 100% tested, B = characterized on samples
2.
The input current specification is only valid when the internal pull-ups are disabled. Otherwise, the input
current is determined by the internal pull-up resistance value RPU.
6.3
AC Characteristics
6.3.1
All Interfaces
Table 6-4. AC Timing Characteristics – All Interfaces
Applicable over the recommended operating range from TA = -40°C to +125°C, VCC = +2.7V to +5.5V.
Parameters
Symbol
Min. Typ. Max. Units Type(4)
Wake-up Time from Sleep State. VCC > 2.7V
tPU.SLEEP(1)
—
3
5
ms
A
Power-up Time from VCC < 2.7V
tPU.POWERON(1)
—
4
6
ms
A
TA100 (B5)
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com