Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 1 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 1 Page - Microchip Technology

  TA100 Datasheet HTML 1Page - Microchip Technology TA100 Datasheet HTML 2Page - Microchip Technology TA100 Datasheet HTML 3Page - Microchip Technology TA100 Datasheet HTML 4Page - Microchip Technology TA100 Datasheet HTML 5Page - Microchip Technology TA100 Datasheet HTML 6Page - Microchip Technology TA100 Datasheet HTML 7Page - Microchip Technology TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TA100 (B5)
CryptoAutomotive™ TA100 (B5) Summary Data Sheet
Description
The Microchip Technology Inc. Trust Anchor security device TA100 is intended for automotive, industrial, or
commercial systems and can provide support for code authentication (secure boot), Message Authentication Code
(MAC) generation, support for trusted firmware updates, multiple key management protocols including Transport
Layer Security (TLS), and other root-of-trust-based operations.
It is typically a companion device to an MCU or MPU on the same board.
Features
• Advanced Crypto Engine (ACE) for Execution of All Cryptography Commands
• Fast Crypto Engine for SHA-256, HMAC and AES-CMAC Algorithms
• Sign/Verify Support:
– ECDSA – P224, P256, P384 and 256-bit Brainpool elliptic curves
– ECDSA – SECP256K1 (Bitcoin/Blockchain) curve
– RSA 2048-bit signature generation and verification
– RSA 3072-bit signature verification only
• ECDH/ECDHE/ECBD Key Agreement Support
– Elliptic-Curve Diffie-Hellman (ECDH) Support for P224, P256, P384 and 256-bit Brainpool
– Elliptic-Curve Burmeiseter-Desmedt (ECBD) Support for P224 Curve
• Internal Symmetric and Asymmetric Key Generation and Derivation:
– P224, P256, P384 and 256-Bit Brainpool
– 2048-bit RSA keys
– AES 16-byte keys
• AES and RSA Encryption / Decryption Support
– AES ECB/GCM Encryption/Decryption Supported directly
– RSA 1024-bit and 2048-bit Keys Encryption/Decryption Support
• NIST SP800-90 A/B/C Random Number Generator (RNG)
• Multiple I/O Options for Security Commands Include:
– 1 MHz standard I2C interface
– 16 MHz SPI interface
• Package Options:
– 8-lead SOIC
– 14-lead SOIC
• Voltage Supply Range: 2.7V to 5.5V
• Automotive Temperature Range: -40°C to +125°C Ambient Operating Range
Applications
• Full and Partial Secure Boot
This is a summary document. A
complete document is available under
NDA. For more information, please
contact your local Microchip sales
office.
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 1


Similar Part No. - TA100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA100 ETC1-TA100 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA100 OHMITE-TA100 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
TA100 OHMITE-TA100 Datasheet
333Kb / 2P
High Power Density
logo
Bothhand USA, LP.
TA100-05A BOTHHAND-TA100-05A Datasheet
45Kb / 1P
ISOLATION TRANSFORMER FOR ETHERNET
TA100-05B BOTHHAND-TA100-05B Datasheet
33Kb / 1P
ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
More results

Similar Description - TA100

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
Item Summary
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
logo
List of Unclassifed Man...
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
Change Summary
logo
Microchip Technology
ATSHA206A MICROCHIP-ATSHA206A Datasheet
1Mb / 22P
ATSHA206A Summary Data Sheet
2021
ATECC608B MICROCHIP-ATECC608B Datasheet
984Kb / 28P
CryptoAuthentication™ Device Summary Data Sheet
July 2020 Revision A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com