Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 11 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TA100 Datasheet HTML 7Page - Microchip Technology TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology TA100 Datasheet HTML 10Page - Microchip Technology TA100 Datasheet HTML 11Page - Microchip Technology TA100 Datasheet HTML 12Page - Microchip Technology TA100 Datasheet HTML 13Page - Microchip Technology TA100 Datasheet HTML 14Page - Microchip Technology TA100 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
6.
Electrical Characteristics
6.1
Absolute Maximum Ratings
Ambient Temperature under Bias(1)
-40°C to +125°C
Storage Temperature (without Bias)
-65°C to +150°C
Maximum Supply Voltage
6.0V
DC Voltage on Any Pin(4)
-0.5 to VCC + 0.5
ESD Ratings
— Human Body Model (HBM) ESD(2)
— Charged Device Model (CDM) ESD(3)
≥ ±4 kV
≥ ±750V
Notes: 
1.
Recent Partial Networking Transceivers from Microchip and others use a spec throughout the document called
the Virtual Junction Temperature, measured in accordance with IEC60747-1. An alternate definition is TVJ = TA
+ P x Rth(j-a), where P is the power and Rth(j-a) is the thermal resistance from virtual junction to ambient. TVJ
would be higher than +125°C (maximum).
2.
Specified by: JEDEC
® Standard JS-001-2017
3.
Specified by: JEDEC
® Standard JS-002-2014
4.
VCC is the supply voltage to which the device is driven and must be within the specified operating voltage
range.
Note:  Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
6.2
DC Characteristics
Table 6-1. DC Characteristics – All Interfaces
Applicable over the recommended operating range from TA = -40°C to +125°C, VCC = +2.7V to +5.5V.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Units Type(1)
Supply Voltage on Pin VCC
—
VCC
2.7
—
5.5
V
A
Supply Current on Pin VCC
Active mode(4)
IIO_Active
—
25
40
mA
A
Idle mode(2) (TA = +85°C)
IIO_Idle
—
—
10
mA
B
Sleep mode
IIO_Sleep
—
7
15
uA
B
VCC Rise Rate
—
VRISE
—
—
0.1
V/µs
C
High-Level Input Voltage
—
VIH
0.7 x VCC
—
VCC + 0.3
V
A
Low-Level Input Voltage
—
VIL
-0.3
—
0.3 x VCC
V
A
TA100 (B5)
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com