Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 8 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TA100 Datasheet HTML 4Page - Microchip Technology TA100 Datasheet HTML 5Page - Microchip Technology TA100 Datasheet HTML 6Page - Microchip Technology TA100 Datasheet HTML 7Page - Microchip Technology TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology TA100 Datasheet HTML 10Page - Microchip Technology TA100 Datasheet HTML 11Page - Microchip Technology TA100 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
3.
Device Features
The TA100 device supports several broad features, including secure boot (host code authentication), MAC
generation, secure key and certificate storage and management.
Public information stored within the protected memory, such as code digests, certificate validation status, public keys,
etc., can only be modified when properly authorized by using the specified protocols in this data sheet.
The TA100 is powered by an internal microcontroller running dedicated software loaded into the ROM and nonvolatile
memory during chip manufacture. Nonvolatile memory is used for certificate storage and secret/private key storage.
There is no direct access to the memories from the external pins of the device and there is no available programming
or debug interface.
The block diagram of the TA100 shows the major architectural features of the device.
Figure 3-1. TA100 Block Diagram
Command Processor
Command Processor
FAST Crypto Engine
FAST Crypto Engine
Digest
Keys,
Algorithm
Power
Management
Power
Management
VCC
I/O
Logic
I/O
Logic
Commands
Results
Instructions
Data
I2C
SPI
GPIO
GPIO
Circuitry
GPIO
Circuitry
RESET
TA100 (B5)
Device Features
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com