Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 7 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TA100 Datasheet HTML 3Page - Microchip Technology TA100 Datasheet HTML 4Page - Microchip Technology TA100 Datasheet HTML 5Page - Microchip Technology TA100 Datasheet HTML 6Page - Microchip Technology TA100 Datasheet HTML 7Page - Microchip Technology TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology TA100 Datasheet HTML 10Page - Microchip Technology TA100 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2.
Overview
The TA100 security device interfaces with a host MCU to provide a hardened root of trust with symmetric and
asymmetric computation ability to facilitate a number of security-related capabilities within an automotive system.
• Secure boot support:
– Host code image and signature validation
– Secure encryption key storage and image encryption
– Authenticated update of the code validation public key
• X.509 certificate storage, parsing, validation and revocation, supporting both ECC and RSA
• Fully internal random key generation for RSA, ECC and AES
• Monotonic counters protected against tearing
• Elliptic curves support:
– P224 – ECDSA sign, verify, ECDH and ECBD
– P256 – ECDSA sign, verify and ECDH
– SECP256K1 (Bitcoin/Blockchain) – ECDSA support
– 256-bit Brainpool – ECDSA and ECDH
– P384 – ECDSA sign and verify
• RSA support:
– 1024-bit and 2048-bit RSA OAEP/MGF encrypt/decrypt
– 2048-bit RSA signature generation and verification
– 3072-bit RSA verification
• ECDH key management capability with integrated KDF, either PRF or HKDF
• NIST SP800-90 A/B/C high-quality cryptographic random number generation
• TLS V1.2/V1.3 – Full session establishment support in conjunction with host SW
• AES-CMAC calculation and validation
• AES-ECB and GCM encrypt/decrypt for general purpose use
• SHA-256 and SHA-HMAC digest calculation
• Input/output encryption and authentication using AES-GCM, AES-CMAC and/or SHA-HMAC
• Flexible self-test support to meet FIPS 140 requirements
• Cryptographic support for High-Bandwidth Digital Content Protection (HDCP) V2.2
The TA100 device contains two processing blocks:
1.
A main command processor that implements an Advanced Crypto Engine along with the management and
session establishment functionality. The ACE can implement all symmetric and asymmetric crypto functions.
2.
A Fast Crypto Engine capable of implementing AES and SHA calculations in parallel with the operation of the
main command processor.
TA100 (B5)
Overview
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com