Electronic Components Datasheet Search
  English  ▼

X  

TA100 Datasheet(PDF) 14 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TA100 Datasheet HTML 10Page - Microchip Technology TA100 Datasheet HTML 11Page - Microchip Technology TA100 Datasheet HTML 12Page - Microchip Technology TA100 Datasheet HTML 13Page - Microchip Technology TA100 Datasheet HTML 14Page - Microchip Technology TA100 Datasheet HTML 15Page - Microchip Technology TA100 Datasheet HTML 16Page - Microchip Technology TA100 Datasheet HTML 17Page - Microchip Technology TA100 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
...........continued
Parameters
Symbol
Fast-Mode Plus
Units
Min.
Max.
Input Fall Time(1, 3)
tF
20 x (VDD/5.5V)(5)
120
ns
Clock Low to Data Out Valid
tAA
—
450
ns
Time bus must be free before a new transmission can start (1)
tBUF
500
—
ns
Pulse width of spikes that must be suppressed by the input filter(4)
tSP
—
50
ns
Notes: 
1.
Values are based on characterization and are not tested.
2.
AC measurement conditions: input pulse voltages: 0.3 x VCC to 0.7 x VCC, input rise and fall times: ≤ 50 ns.
3.
System designers must ensure that all AC parametrics are met. Rise fall times shown are for the Fast Mode
Plus (1 MHz) of operation. For slower clock speeds, the rise and fall times may be increased but must still
meet the industry standard I2C specification UM10204.
4.
Input filters on the SDA and SCL pins will suppress noise spikes of less than 50 ns.
5.
Backwards compatibility is necessary for the Fast mode (400 kHz) specifications.
Figure 6-1. I2C Synchronous Data Timing
SCL
SDA IN
SDA OUT
t
F
t
HIGH
t
LOW
t
LOW
t
R
t
AA
t
DH
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
6.3.3
SPI Interface Timing
Table 6-6. AC Characteristics of SPI Interface
Applicable over the recommended operating range from TA = -40°C to +125°C, VCC = +2.7V to +5.5V.
Parameters
Symbol
Min.
Max.
Units
SCK Clock Frequency
fSCK
—
16
MHz
SCK High Time
tWH
20
—
ns
SCK Low Time
tWL
25
—
ns
CS High Time
tCS
100
—
ns
CS Setup Time
tCSS
100
—
ns
CS Hold Time
tCSH
100
—
ns
Data in Setup Time
tSU
5
—
ns
Data in Hold Time
tH
5
—
ns
Input Rise Time(1, 2)
tRI
—
2
μs
TA100 (B5)
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com