Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 4 Page - Analog Devices

  LTM4637 Datasheet HTML 1Page - Analog Devices LTM4637 Datasheet HTML 2Page - Analog Devices LTM4637 Datasheet HTML 3Page - Analog Devices LTM4637 Datasheet HTML 4Page - Analog Devices LTM4637 Datasheet HTML 5Page - Analog Devices LTM4637 Datasheet HTML 6Page - Analog Devices LTM4637 Datasheet HTML 7Page - Analog Devices LTM4637 Datasheet HTML 8Page - Analog Devices LTM4637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC7131-1
4
Rev. 0
For more information www.analog.com
The l denotes the specifications which apply over the specified operating
junction temperature range, VIN = 12V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VMODE
Discontinuous Mode Threshold
0.7
1
1.3
V
tON(MIN)
Minimum On-Time
35
ns
tOFF(MIN)
Minimum Off-Time
100
ns
RTOP
Top Power NMOS On Resistance
7.3
mΩ
RBOTTOM
Bottom Power NMOS On Resistance
2.1
mΩ
θCLKOUT
Relative Phase of CLKOUT
MODE/SYNC = 0V (Note 6)
180
Deg
PGOOD
VPGOOD,DEFAULT Default PGOOD Threshold
VPGLIM = INTVCC, VOUT >1V
±8
±10
±12
%
VPGOOD,PROGRAM Program PGOOD Threshold
VPGLIM/VREF = 0.19, VOUT ≥ 1V
VPGLIM/VREF = 0.38
±6
±13
7.5
15
±9
±17
%
%
ILEAK
PGOOD Leakage Current
±5
µA
VOL
PGOOD Output Low Voltage
IOUT = 3mA
0.1
0.3
V
tPGFD
PGOOD Filter Delay
PGFD = 0V
PGFD = 0.65V
PGFD = Open
150
1.0
17
190
1.6
24
250
2.2
32.5
µs
ms
ms
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6 < VIN < 20V
4.8
5
5.2
V
VLDO_INT
VINTVCC Load Regulation
ICC = 0mA to 100mA
0.5
%
Output Voltage Readback
N
Resolution
LSB Step Size
13
0.5
Bits
mV
VF/S
Full Scale Output Voltage
(Note 9)
16.4
V
VOUT_TUE
Total Unadjusted Error
LTC7131R-1
l
±1
±0.5
%
%
tCONVERT
Conversion Time
40
ms
Input Voltage Readback
N
Resolution
LSB Step Size
13
4
Bits
mV
VF/S
Full Scale Input Voltage
(Note 9)
131
V
VIN_TUE
Total Unadjusted Error
l
±1.5
%
tCONVERT
Conversion Time
40
ms
Output Current Readback
N
Resolution
LSB Step Size
13
10
Bits
mA
VF/S
Full Scale Output Current
±82
A
IOUT_TUE
Total Unadjusted Error
±10
%
tCONVERT
Conversion Time
40
ms
Input Current Readback
N
Resolution
LSB Step Size
13
10
Bits
mA
VF/S
Full Scale Input Current
±82
A
IIN_TUE
Total Unadjusted Error
±10
%
tCONVERT
Conversion Time
40
ms
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com