Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 12Page - Analog Devices LTM4637 Datasheet HTML 13Page - Analog Devices LTM4637 Datasheet HTML 14Page - Analog Devices LTM4637 Datasheet HTML 15Page - Analog Devices LTM4637 Datasheet HTML 16Page - Analog Devices LTM4637 Datasheet HTML 17Page - Analog Devices LTM4637 Datasheet HTML 18Page - Analog Devices LTM4637 Datasheet HTML 19Page - Analog Devices LTM4637 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LTC7131-1
16
Rev. 0
For more information www.analog.com
OPERATION
slowly at a rate determined by the soft-start capacitor value.
The SS/VOUT ramp-down rate is calculated by Equation 1.
dV/dt = 5µA/CSS
(1)
When the output voltage has reached zero, the LTC7131-1
will turn the drivers off and shut down. Soft off is the
default power down mode.
Immediate off mode is selected if the SOFT OFF bit is
low when the LTC7131-1 is turned off. In this mode,
the LTC7131-1 turns its drivers off immediately and the
output voltage discharge rate is a function of the output
capacitor value and the load.
Short-Circuit Protection
The LTC7131-1 has a precision cycle-by-cycle current
limit to prevent inductor saturation in a short-circuit con-
dition. The valley of the inductor current is guaranteed to
not exceed IMAX ±10% where IMAX is set by the ILIM pin.
The maximum cycle-by-cycle inductor current is therefore
limited to IMAX + 10% + ΔIL, where ΔIL depends on the
inductor valley and operating frequency but is typically
40% of IMAX. Internal control circuitry also guarantees
smooth recovery with no output voltage overshoot once
the short is removed.
25MHz Error Amplifier and Remote Sense
Differential Amplifier
The LTC7131-1 utilizes a 25MHz error amplifier and dif-
ferential amplifier for fast and accurate output voltage
regulation. The operational amplifier style error amplifier
allows precision tuning of the system poles and zeros
for optimal transient response. The remote sense dif-
ferential amplifier allows output voltage sensing at the
point-of-load and thus provides very accurate regulation
of the output voltage and telemetry readback regardless
of load current. The sensed output voltage is available at
the DAOUT pin (referenced to SGND). This pin is typically
connected to the FB pin which is the error amplifier “-”
input. See Figure 1.
Using Separate SVIN/VIN Supplies
The LTC7131-1 has two supply pins: SVIN that supplies
the control circuitry and gate drivers and VIN that supplies
the power switches. SVIN requires a minimum of 4.7V,
while VIN may be able to supply power to the load at lower
voltages. To maximize the lower operating range of the
supply voltage, two separate supplies can be used – a
SVIN supply that is > 4.7V and rated at 50mA or higher
and a VIN supply, rated for the load, that can be run all
the way into dropout.
Thermal Warning and Thermal Shutdown
The LTC7131-1 has two levels of thermal thresholds and
two levels of responses. When the internal die temperature
exceeds 150°C, the overtemperature bit in the STATUS_
WORD is set and the ALERT pin pulls low to alert the PMBus
master. If the temperature continues to rise and exceeds
170°C, the LTC7131-1 shuts down all circuitry, including
output regulation, and will no longer respond to the PMBus
host. Both temperature monitors have about 20°C of hys-
teresis before the overtemperature condition is cleared. The
temperature warning bit in the STATUS_WORD is latched
and remains set until the host clears it.
2-Phase Operation
For output loads that demand more than 25A of current,
two LTC7131-1’s can be paralleled to run out-of-phase to
provide up to 50A output current. To configure a 2-phase
system, one LTC7131-1 will act as a master and the other
a slave (see the schematic in the Typical Applications
section). Connecting the VSENSE– pin to INTVCC puts the
LTC7131-1 in slave mode by tri-stating its error amplifier
and remote sense amplifier. The ITH pins of both IC’s are
connected together so that both are regulating the induc-
tor current based on the master’s ITH voltage. The mas-
ter’s CLKOUT pin is a clock waveform that is 180° out-of-
phase to its internal clock. This CLKOUT can be connected
to the MODE/SYNC pin of the slave to force the slave’s
PLL to lock onto this clock input and run out-of-phase
Figure 1. Differential Amplifier Connection
DAOUT
LTC7131-1
VSENSE+
COUT
VOUT
VSENSE–
FB
7131-1 F01
–
+
DIFFAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com