Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 2 Page - Analog Devices

  LTM4637 Datasheet HTML 1Page - Analog Devices LTM4637 Datasheet HTML 2Page - Analog Devices LTM4637 Datasheet HTML 3Page - Analog Devices LTM4637 Datasheet HTML 4Page - Analog Devices LTM4637 Datasheet HTML 5Page - Analog Devices LTM4637 Datasheet HTML 6Page - Analog Devices LTM4637 Datasheet HTML 7Page - Analog Devices LTM4637 Datasheet HTML 8Page - Analog Devices LTM4637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LTC7131-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
SVIN, VIN .................................................... –0.3V to 20V
INTVCC Voltage ............................................ –0.3V to 6V
VSENSE+, VSENSE–, CSLEW, RT, ITH,
MODE/SYNC, REF, TRACK/SS, PGFD, PGLIM,
ASEL, DAOUT, MARGIN, RUN_STBY,
FB, ILIM ............................. –0.3V to (INTVCC + 0.3V)
RUN_MSTR, PGOOD, ALERT,
SCL, SDA Voltage .................................... –0.3V to 6V
WP............................................................ –0.3V to 2.5V
Operating Junction Temperature Range
(Notes 2, 3)........................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1,7)
TOP VIEW
BGA PACKAGE
63-LEAD (7.5Amm × 6.25mm × 2.22mm)
TJMAX = 150°C, θJA = 18.5°C/W
θJCtop= 25.5°C/W, θJCbottom = 5.8°C/W
F
H
J
E
G
A
B
C
D
6
7
4
5
3
2
1
NOTE:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
2) θJA VALUE IS OBTAINED WITH ADI DEMO BOARD.
3) REFER TO PAGE 24 FOR LAB MEASUREMENT AND DE-RATING INFORMATION.
VIN
SW
GND
PGFD
PGOOD
PGLIM
RT
GND
BOOST
SGND
ASEL
VSENSE+ VSENSE– RUN_STBY
REF
FB
ILIM
CSLEW
TRACK/SS
DAOUT
ITH
CLKOUT
SDA
ALERT
SCL
WP
MARGIN
MODE/SYNC
RUN_MSTR
SVIN
INTVCC
ORDER INFORMATION
PART NUMBER
PACKAGE
TYPE
BALL FINISH
PART MARKING
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTC7131RY-1#PBF
BGA
SAC305(RoHS)
LTC7131-1
e1
3
–40°C to 150°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is not recommended for second side reflow.
This product is moisture sensitive. For more information, go to
Recommended BGA PCB Assembly and Manufacturing Procedures.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
l
4.5
20
V
VREF
REF Pin Programming Range
l
0.4
3.5
V
The l denotes the specifications which apply over the specified operating
junction temperature range, VIN = 12V unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com