Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 17Page - Analog Devices LTM4637 Datasheet HTML 18Page - Analog Devices LTM4637 Datasheet HTML 19Page - Analog Devices LTM4637 Datasheet HTML 20Page - Analog Devices LTM4637 Datasheet HTML 21Page - Analog Devices LTM4637 Datasheet HTML 22Page - Analog Devices LTM4637 Datasheet HTML 23Page - Analog Devices LTM4637 Datasheet HTML 24Page - Analog Devices LTM4637 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LTC7131-1
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The basic LTC7131-1 application circuit is shown in
Figure 10.
Current Limit Programming
The maximum current limit for the controller can be set to
any value in the range of 10A to 25A by the ILIM pin. For
a 25A limit, tie ILIM to INTVCC. For a 15A limit, tie ILIM
to SGND. For other limits, use Equation 2 to choose the
required ILIM voltage
Valley Current Limit (A) = 20 • VILIM + 1
(2)
Then use a resistive divider connected to INTVCC to set
ILIM to the chosen voltage.
Note that this current limit corresponds to the valley of
the inductor ripple so the maximum load current will be
higher by ΔI/2.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage. The operating frequency of the
LTC7131-1 is determined by an external resistor that is
connected between the RT pin and ground. The value of
the resistor sets the ramp current that is used to charge
and discharge an internal timing capacitor within the
oscillator and can be calculated by Equation 3.
RT(Ω) =
1.235 • 1010
fOSC
− 950
(3)
Frequencies as high as 2MHz are possible, as long as the
minimum on-time requirement is met (see next section).
Tying the RT pin to INTVCC sets the default internal oper-
ating frequency to 480kHz ±15%.
The LTC7131-1’s internal oscillator can be synchronized
to an external frequency by applying a square wave clock
signal to the MODE/SYNC pin. During synchronization,
the top switch turn-on is locked to the rising edge of the
external frequency source. The synchronization frequency
range is 250kHz to 2MHz. During synchronization, dis-
continuous operation is disabled.
The internal PLL has a synchronization range of ±30%
around its programmed frequency. Therefore, during
external clock synchronization be sure that the external
clock frequency is within this ±30% range of the RT pro-
grammed frequency.
When using the RT pin to program the oscillator fre-
quency, a square wave clock that is running 180° out-
of-phase with the internal oscillator is available at the
CLKOUT pin for connection to a second LTC7131-1 for
2-phase operation (see the 2-Phase section).
Figure 10. 25A Step-Down Regulator
INTVCC
LTC7131-1
BOOST
1µF
VOUT
0.4V TO 3.5V
25A
VIN
5V TO 20V
7131-1 F10
VIN SVIN
SGND
PGND
SW
VSENSE+
VSENSE−
DAOUT
PGFD
ASEL
PMBus
INTERFACE
RT
CSLEW
RT
CSLEW
ILIM
MODE/SYNC
WP
MARGIN
ITH
RC2
RREF2
RREF1
RC1
CC2
CIN
100µF
COUT
330µF
×2
CSS
FB
REF
PGLIM
TRACK/SS
0.1µF
L1
+
+
RUN_STBY
RUN_MSTR
SCL, SDA, ALERT
PGOOD
CLKOUT
CC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com