Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 23Page - Analog Devices LTM4637 Datasheet HTML 24Page - Analog Devices LTM4637 Datasheet HTML 25Page - Analog Devices LTM4637 Datasheet HTML 26Page - Analog Devices LTM4637 Datasheet HTML 27Page - Analog Devices LTM4637 Datasheet HTML 28Page - Analog Devices LTM4637 Datasheet HTML 29Page - Analog Devices LTM4637 Datasheet HTML 30Page - Analog Devices LTM4637 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
LTC7131-1
27
Rev. 0
For more information www.analog.com
(a) PGOOD Window Set to ±10% Default
LTC7131-1
INTVCC
RREF = R1 + R2
REF
7131-1 F15a
PGLIM
LTC7131-1
INTVCC
R1
REF
7131-1 F15b
R2
PGLIM
(b) PGOOD Window Set by R1/R2
Figure 15. PGOOD Window
APPLICATIONS INFORMATION
Output Voltage Programming
The output voltage is set by an external resistor according
to Equation 13.
VOUT = 100µA • RREF
(13)
where RREF is the total resistance between REF pin and
SGND. A capacitor (0.1µF max) connected from REF to
SGND is recommended for noise filtering. For accurate
PGOOD reporting at startup, choose CREF < 10CSS.
Programming PGOOD Threshold and Filter Delay
The upper and lower Power Good threshold default
to ±10% when the PGLIM pin is tied to INTVCC (see
Figure 15a). However, if a narrower or wider window
is desired, these windows can be programmed to any
desired value in the range of 5% to 40%.
The PGOOD upper/lower threshold is programmed by
replacing the single resistor on the REF pin with a resistor
divider as follows (see Figure 15b):
Reference Voltage = 100µA • (R1+R2)
PGOOD Window = ±40% • R2/(R1+R2)
The PGOOD window is always centered on the DAC
adjusted reference voltage, thus the center will move to
the new reference voltage when margined up or down.
The falling PGOOD (power good to power bad) is filtered
and delayed by 16 clock cycles, thus giving the loop 16
switching cycles to recover from the power bad condition
before pulling the PGOOD pin low.
The rising PGOOD (power bad to power good) filter delay
is user programmable by a configuration resistor at the
PGFD pin and is programmable to one of 8 possible delays
from 200μs to 25.6ms as shown in Table 6. Minimum
delay of 200μs can be set by grounding the PGLIM pin
and maximum delay of 25.6ms can be set by tying PGLIM
to INTVCC.
The PGFD pin is sampled only at power on and at initial-
ization after the rising edge of RUN_MSTR, RUN_STBY
or the OPERATION register ON bit. Changes to PGFD will
not take effect until one of these events occur.
Table 6. PGFD Resistor Selection
PGFD RESISTOR
PGOOD DELAY
0Ω
200μs
28kΩ
400μs
46.4kΩ
800μs
64.9kΩ
1.6ms
84.5kΩ
3.2ms
102kΩ
6.4ms
121kΩ
12.8ms
Open or Short to INTVCC
25.6ms
Address Selection (ASEL pin)
The LTC7131-1 slave address is selected by the ASEL pin.
The upper four bits of the address are hardwired inter-
nally to 0100 and the lower three bits are programmed by
a resistor connected between the ASEL and SGND (see
Table 7). This allows up to 8 different LTC7131-1’s on
a single board. The LTC7131-1 will also respond to the
Global Address 0x5A and the 7-bit address stored in the
MFR_RAIL_ADDRESS register.
The ASEL pin is sampled only at power on and at initial-
ization after the rising edge of RUN_MSTR, RUN_STBY
or OPERATION register ON bit. Changes to ASEL will not
take affect until one of these events occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com