Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 24Page - Analog Devices LTM4637 Datasheet HTML 25Page - Analog Devices LTM4637 Datasheet HTML 26Page - Analog Devices LTM4637 Datasheet HTML 27Page - Analog Devices LTM4637 Datasheet HTML 28Page - Analog Devices LTM4637 Datasheet HTML 29Page - Analog Devices LTM4637 Datasheet HTML 30Page - Analog Devices LTM4637 Datasheet HTML 31Page - Analog Devices LTM4637 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
LTC7131-1
28
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 7. ASEL Resistor Selection
ASEL RESISTOR
SLAVE ADDRESS
0Ω
0100000
28kΩ
0100001
46.4kΩ
0100010
64.9kΩ
0100011
84.5kΩ
0100100
102kΩ
0100101
121kΩ
0100110
Open or short to INTVCC
0100111
Margining/CSLEW Selection/Margin Pin
Writing to the MFR_VOUT_COMMAND register via the
PMBus allows the adjustment of the VOUT reference up to
±25% around the voltage at the REF pin. This voltage can
be adjusted in 0.1% increments by writing the appropriate
9-bit two’s complement value to the register. The MFR_
VOUT_MARGIN_HIGH and MFR_VOUT_MARGIN_LOW
register can also be used to adjust the VOUT reference
value by selecting the desired register with the MARGIN
pin or the OPERATION command as specified in Table 8.
Table 8. VOUT Margining with the MARGIN Pin and OPERATION
Command
MARGIN
PIN
OPERATION
BITS [5:4]
VOUT REFERENCE
BIT 5 BIT 4
<0.4V
X
X
= [1 + MFR_VOUT_MARGIN_LOW(%) ] • VREF
>1.2V
X
X
= [1 + MFR_VOUT_MARGIN_HIGH(%) ] • VREF
Hi-Z
0
0
= [1 + MFR_VOUT_COMMAND(%) ] • VREF
Hi-Z
0
1
= [1 + MFR_VOUT_MARGIN_LOW(%) ] • VREF
Hi-Z
1
0
= [1 + MFR_VOUT_MARGIN_HIGH(%) ] • VREF
Hi-Z
1*
1*
= [1 + MFR_VOUT_COMMAND(%) ] • VREF
* Setting both bits 4 and 5 high at the same time is illegal and will be
ignored.
Pre-loading the registers and using the MARGIN pin pro-
vides fast margining by eliminating the latency inherent to
serial bus communication. Once the registers are loaded
the output voltage change is limited only by the loop band-
width and the slew rate capacitor (CSLEW).
The CSLEW pin provides slew rate limiting during reference
voltage changes. When the reference is changed by either
the MARGIN pin, OPERATION command, or writing new
values to the register, the LTC7131-1 counts up or down
from the current value in the register to the new value
at 0.1% per step. The step duration is set by the CSLEW
capacitor. The slew rate during the transition is given by
Equation 14.
SR =
0.1
CSLEW(nF)+0.0043
% / ms
(14)
If the CSLEW pin is left open, SR defaults to 23%/ms. The
slew rate limit can be disabled if desired by tying the CSLEW
pin to INTVCC. When disabled, the reference is immedi-
ately stepped from old value to new value in <100ns.
Differential Amplifier
The LTC7131-1 has true remote voltage sense capability.
The sense connections, VSENSE+ and VSENSE–, should be
returned from the load, back to the differential amplifi-
er’s inputs through a common, tightly coupled pair of
PC traces. The differential amplifier rejects common
mode signals capacitively or inductively radiated into the
feedback PC traces as well as ground loop disturbances.
However, it is still important to avoid routing these sen-
sitive traces near any high speed switching nodes in the
circuit. Ideally, the VSENSE+ and VSENSE– traces should be
shielded by a low impedance ground plane to maintain
signal integrity.
The LTC7131-1 differential amplifier has 160kΩ input
impedance on VSENSE+. It is designed to be connected
directly to the output. The output of the differential
amplifier, DAOUT, connects to the FB pin to set the output
voltage.
Soft-Start
After the LTC7131-1 is turned on or power applied and
finishes its ~500µs initialization sequence, the chip enters
a soft start-up state. The type of soft startup behavior is
set by the TRACK/SS pin:
1. Floating the TRACK/SS selects the internal soft-start
circuit. This circuit ramps the output voltage to the final
value within 1ms.
2. If a longer soft-start period is desired, it can be set
externally with a capacitor on the TRACK/SS pin.
The TRACK/SS pin reduces the value of the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com