Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4637
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 25Page - Analog Devices LTM4637 Datasheet HTML 26Page - Analog Devices LTM4637 Datasheet HTML 27Page - Analog Devices LTM4637 Datasheet HTML 28Page - Analog Devices LTM4637 Datasheet HTML 29Page - Analog Devices LTM4637 Datasheet HTML 30Page - Analog Devices LTM4637 Datasheet HTML 31Page - Analog Devices LTM4637 Datasheet HTML 32Page - Analog Devices LTM4637 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LTC7131-1
29
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
reference at FB until TRACK/SS charges above the REF
pin voltage. The external soft-start duration can be cal-
culated by Equation 15.
tSS =
VREF •CSS
5µA
(15)
3. The TRACK/SS pin can be used to track the output
voltage of another supply. Using the TRACK/SS pin for
tracking is only allowed when the hiccup mode is dis-
abled (see Fault Response Programming section) since
the TRACK/SS pin is used for fault response timing.
Regardless of either internal or external soft-start state,
the MODE pin is ignored and soft-start will always be in
discontinuous mode until SS voltage reaches the pro-
grammed VOUT reference voltage for the first time.
TRACKING
Using the TRACK/SS or the REF pin, two types of track-
ing/sequencing can be used for the LTC7131-1 (see
Figure 16). For ratiometric tracking, VOUT will always track
a ratio of the input tracking voltage. In coincident tracking,
VOUT will track a ratio of the input tracking voltage until
VOUT ≥ VREF, then VOUT is regulated to VREF. Also, with
ratiometric tracking, the VOUT can be adjusted with the
margin commands and MARGIN pin relative to the track-
ing voltage. With coincident tracking, VOUT can only be
adjusted relative to VREF when VMASTER ≥ VREF.
For coincident tracking, be aware that the PGOOD window
is always centered around the DAC adjusted REF pin volt-
age, not the TRACK/SS pin voltage.
Ratiometric Tracking
To implement ratiometric tracking (Figure  17a and
Figure 17b) the controlling voltage, VMASTER is con-
nected to the REF pin. This source must be able to sink
the 100µA IREF current. Using the REF pin allows VOUT to
be adjusted with the margining commands and MARGIN
pin. For VMASTER > VSLAVE connect VMASTER to the REF
pin thru a resistive divider. The relationship of VMASTER to
VSLAVE is given by Equation 16.
VMASTER = VSLAVE • 1+
R1
R2
⎛
⎝
⎜
⎞
⎠
⎟−R1• 100µA
(16)
Note that the 100µA IREF current requires VMASTER > R1
• 100µA before VSLAVE starts rising above 0V. Choose a
low value for R1 to minimize this offset.
For VMASTER < VSLAVE connect VMASTER directly to REF pin.
The ratio of VMASTER to VSLAVE is given by Equation 17.
VMASTER
VSLAVE
=
R1
R1+R2
(17)
Coincident Tracking
To implement coincident tracking with VMASTER ≥ VSLAVE
(Figure  17c) connect VMASTER to the TRACK/SS pin
directly or with a resistive divider given by Equation 18.
VMASTER
VSLAVE
=
R1
R1+R2
(18)
VOUT will follow VMASTER (or a ratio of it as set by R1/R2)
until VMASTER > VREF at which time VOUT is regulated to
VREF. Do not let TRACK/SS pin exceed VREF + 0.3V due
to internal clamp.
TIME
(b) Ratiometric Tracking
VOUT1
VOUT2
TIME
7131-1 F16
(a) Coincident Tracking
VOUT1
VOUT2
Figure 16. Two Different Modes of Output Voltage Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com