Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11901 Datasheet HTML 3Page - Maxim Integrated Products MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products MAX11901 Datasheet HTML 10Page - Maxim Integrated Products MAX11901 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
(fSAMPLE = 1.6Msps, VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.5V to 3.6V, VREFVDD = 3.6V, VREF = 3.3V, Internal Ref Buffers On,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and device characterization.
Note 3: See the Analog Inputs section.
Note 4: See the Definitions section at the end of the data sheet.
Note 5: See the Definitions section at the end of the data sheet. Error contribution from the external reference not included.
Note 6: Parameter is guaranteed by design.
Note 7: Defined as the change in positive full-scale code transition caused by a ±5% variation in the supply voltage.
Note 8: Sine wave input, fIN = 10kHz, AIN = -0.5dB below full scale.
Note 9: CLOAD = 10pF on DOUT. fCONV = 1.6Msps. All data is read out.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING
DIN to SCLK Rising Edge
Setup
t1
4
ns
DIN to SCLK Rising Edge Hold
t2
1
ns
DOUT End-Of-Conversion
Low Time
t3
10
ns
DOUT to SCLK Rising
Edge Hold
t4
2.5
ns
DOUT to SCLK Rising
Edge Setup
t5
100MHz SCLK
1
ns
SCLK High
t6
4.5
ns
SCLK Period
t7
10
ns
SCLK Low
t8
4.5
ns
CNVST Rising Edge To SCLK
Rising Edge
t9
0
ns
SCLK Rising Edge to CNVST
Rising Edge
t10
25
ns
CNVST High
t11
20
ns
CNVST High to EOC
t12
525
ns
Conversion Period
t13
625
ns
www.maximintegrated.com
Maxim Integrated │ 7
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com