Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products MAX11901 Datasheet HTML 10Page - Maxim Integrated Products MAX11901 Datasheet HTML 11Page - Maxim Integrated Products MAX11901 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
(VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.8V, VREFVDD = 3.6V, fSAMPLE = 1.6Msps, VREF = 3.3V, Internal Ref Buffer On, TA = TMIN
to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
-0.2
-0.1
0.0
0.1
0.2
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (oC)
DNL vs. TEMPERATURE
MAX DNL (LSB)
MIN DNL (LSB)
toc4
-0.2
-0.2
-0.1
-0.1
0.0
0.1
0.1
0.2
0.2
1.70
1.73
1.75
1.78
1.80
1.83
1.85
1.88
1.90
VAVDD (V)
DNL vs. AVDD SUPPLY VOLTAGE
MAX DNL (LSB)
MIN DNL (LSB)
VREFVDD = 3.6V
VREF = 3.3V
toc6
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (oC)
INL vs. TEMPERATURE
MAX INL (LSB)
MIN INL (LSB)
toc3
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
1.70
1.73
1.75
1.78
1.80
1.83
1.85
1.88
1.90
VAVDD (V)
INL vs. AVDD SUPPLY VOLTAGE
MAX INL (LSB)
MIN INL (LSB)
VREFVDD = 3.6V
VREF = 3.3V
toc5
toc01
Maxim Integrated │ 8
www.maximintegrated.com
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com