Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX11901 Datasheet HTML 16Page - Maxim Integrated Products MAX11901 Datasheet HTML 17Page - Maxim Integrated Products MAX11901 Datasheet HTML 18Page - Maxim Integrated Products MAX11901 Datasheet HTML 19Page - Maxim Integrated Products MAX11901 Datasheet HTML 20Page - Maxim Integrated Products MAX11901 Datasheet HTML 21Page - Maxim Integrated Products MAX11901 Datasheet HTML 22Page - Maxim Integrated Products MAX11901 Datasheet HTML 23Page - Maxim Integrated Products MAX11901 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
In the split reading mode, the data is read during the track
phase and the following SAR conversion phase. Figure 7
shows the descriptive timing diagram.
At higher sampling rates, the track time may not be long
enough to allow reading all 16 bits of data. In this case,
the data read can be started in track mode, and then
continued in the subsequent SAR conversion phase. Note
that the read operation must be completed before DOUT
goes low, signaling the end of the SAR conversion phase.
Also note that no SCLK pulses should be applied close to
the sampling edge (rising edge of CNVST), to safeguard
the sampling edge from digital noise (see the Quiet Time
specification t10). This split reading feature can be used
to accommodate slower SPI clocks.
SPI Timing Diagram
Figure 8 shows the typical digital SPI interface connection
between the MAX11901 and host processor.
The dashed connections are optional.
Figure 9 shows the timing diagram for configuration reg-
isters.
Figure 10 shows the timing diagram for data output read-
ing after conversion.
Figure 7. Split Read Mode
Figure 8. SPI Interface Connection
CNVST
SCLK
DOUT
Track
Read Data
Sample 1
SAR Conversion
1/Sample Rate
Sample 2
MSB MSB-1
LSB+1 LSB
MSB MSB-1
Track
Read Data
SAR Conversion
1/Sample Rate
Quiet Time
Reading sample 1
Sample 1
Sample 2
Host Processor
CNVST
DOUT
SCLK
DIN
MAX11901
CNVST
SCLK
DOUT
DIN
IRQ
www.maximintegrated.com
Maxim Integrated │ 20
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com