Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11901 Datasheet HTML 1Page - Maxim Integrated Products MAX11901 Datasheet HTML 2Page - Maxim Integrated Products MAX11901 Datasheet HTML 3Page - Maxim Integrated Products MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
(fSAMPLE = 1.6Msps, VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.5V to 3.6V, VREFVDD = 3.6V, VREF = 3.3V, Internal Ref Buffers On,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Nonlinearity
(Note 6)
DNL
-0.25
±0.1
+0.25
LSB
Analog Input CMR
CMR
DC
1
LSB/V
Power-Supply Rejection
(Note 7)
PSR
PSR vs. AVDD
0.2
LSB/V
Power-Supply Rejection
(Note 7)
PSR
PSR vs. REFVDD
0.3
LSB/V
Transition Noise
0.4
LSBRMS
EXTERNAL REFERENCE
REF Voltage Input Range
VREF
2.5
3.3
3.6
V
Load Current
IREF
1.6Msps, VREF = 3.3V
600
µA
REF Input Capacitance
1
nF
REFERENCE BUFFER
REFIN Input Voltage Range
VREFIN
VREF < (VREFVDD - 200mV)
2.5
3
VREFVDD -
200mV
V
REFIN Input Current
IREFIN
1
nA
Turn-On Settling Time
CEXT = 10µF on REF pin,
CREFIN = 0.1µF on REFIN pin
20
ms
External Compensation
Capacitor
CEXT
REF pins
4.7
10
µF
DYNAMIC PERFORMANCE (Note 8)
Dynamic Range
Internal RefBuffer, -60dBFS input
95.4
dB
Signal-to-Noise Ratio
SNR
Internal RefBuffer, fIN = 10kHz
94.4
95.2
dB
Signal-to-Noise Plus Distortion
SINAD
Internal RefBuffer, fIN = 10kHz,
-0.1dBFs
94.4
95.0
dB
Spurious-Free Dynamic Range
SFDR
Internal RefBuffer, fIN = 10kHz
117
dB
Total Harmonic Distortion
THD
Internal RefBuffer, fIN = 10kHz
-115
dB
Total Harmonic Distortion
THD
Internal RefBuffer, fIN = 100kHz
-110
dB
Total Harmonic Distortion
THD
Internal RefBuffer, fIN = 250kHz
-100
dB
SAMPLING DYNAMICS
Throughput
0
1.6
Msps
Full-Power Bandwidth
-3dB point (targeting 20MHz)
20
MHz
-0.1dB point
3
Acquisition Time
tACQ
100
ns
Aperture Delay
Time delay from CNVST rising edge
to time at which sample is taken for
conversion
1
ns
Aperture Jitter
3
psRMS
www.maximintegrated.com
Maxim Integrated │ 5
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com