Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products MAX11901 Datasheet HTML 10Page - Maxim Integrated Products MAX11901 Datasheet HTML 11Page - Maxim Integrated Products MAX11901 Datasheet HTML 12Page - Maxim Integrated Products MAX11901 Datasheet HTML 13Page - Maxim Integrated Products MAX11901 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
(VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.8V, VREFVDD = 3.6V, fSAMPLE = 1.6Msps, VREF = 3.3V, Internal Ref Buffer On, TA = TMIN
to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
115
117
119
121
123
125
127
129
131
133
135
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (
°C)
-THD
SFDR
SFDR AND THD vs. TEMPERATURE
toc16
110
113
115
118
120
123
125
128
130
2.0
2.2
2.3
2.5
2.6
2.8
2.9
3.1
3.2
VREF(V)
SFDR
-THD
THD AND SFDR vs. REFERENCE VOLTAGE
toc18
92
93
94
95
96
97
98
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (
°C)
SNR
SINAD
SNR AND SINAD vs. TEMPERATURE
toc15
90.0
91.0
92.0
93.0
94.0
95.0
96.0
97.0
98.0
99.0
100.0
2
2.3
2.6
2.9
3.2
3.5
VREF (V)
SINAD
SNR
SNR AND SINAD vs. REFERENCE VOLTAGE
toc17
Maxim Integrated │ 10
www.maximintegrated.com
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com