Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX11901 Datasheet HTML 21Page - Maxim Integrated Products MAX11901 Datasheet HTML 22Page - Maxim Integrated Products MAX11901 Datasheet HTML 23Page - Maxim Integrated Products MAX11901 Datasheet HTML 24Page - Maxim Integrated Products MAX11901 Datasheet HTML 25Page - Maxim Integrated Products MAX11901 Datasheet HTML 26Page - Maxim Integrated Products MAX11901 Datasheet HTML 27Page - Maxim Integrated Products MAX11901 Datasheet HTML 28Page - Maxim Integrated Products MAX11901 Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values on
an actual transfer function from a straight line. For these
devices, this straight line is a line drawn between the end
points of the transfer function, once offset and gain errors
have been nullified.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
an actual step width and the ideal value of 1 LSB. For
these devices, the DNL of each digital output code is
measured and the worst-case value is reported in the
Electrical Characteristics table. A DNL error specification
of less than ±1 LSB guarantees no missing codes.
Offset Error
The offset error is defined as the deviation between the
actual output and ideal output measured with 0V differen-
tial analog input voltage.
Gain Error
Gain error is defined as the difference between the
actual output range measured and the ideal output range
expected. It is measured with signal applied at the input
with an amplitude close to full-scale range.
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital
samples, signal-to-noise ratio (SNR) is the ratio of the full-
scale analog input power to the RMS quantization error
(residual error). The ideal, theoretical minimum analog-
to-digital noise is caused by quantization noise error only
and results directly from the ADC’s resolution (N bits):
SNR = (6.02 x N + 1.76)dB
In reality, there are other noise sources besides quantiza-
tion noise: thermal noise, reference noise, clock jitter, etc.
SNR is computed by taking the ratio of the signal power to
the noise power, which includes all spectral components
not including the fundamental, the first five harmonics,
and the DC offset.
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the
fundamental input frequency’s power to the power of all
the other ADC output signals:
Signal
SINAD(dB) 10 LOG
(Noise Distortion

=
×

+

Effective Number of Bits
The effective number of bits (ENOB) indicates the global
accuracy of an ADC at a specific input frequency and
sampling rate. An ideal ADC’s error consists of quantiza-
tion noise only. With an input range equal to the full-scale
range of the ADC, calculate the ENOB as follows:
SINAD -1.76
ENOB
6.02
=
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the power
contained in the first five harmonics of the converted data
to the power of the fundamental. This is expressed as:
P2 P3 P4 P5
THD 10 log
P1
+
+
+

=
×


where P1 is the fundamental power and P2 through P5 is
the power of the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
power of the fundamental (maximum signal component)
to the power of the next-largest frequency component.
Aperture Delay
Aperture delay (tAD) is the time delay from the sampling
clock edge to the instant when an actual sample is taken.
Aperture Jitter
Aperture jitter (tAJ) is the sample-to-sample variation in
aperture delay.
Full-Power Bandwidth
A large -0.5dBFS analog input signal is applied to an
ADC, and the input frequency is swept up to the point
where the amplitude of the digitized conversion result
has decreased by 3dB. This point is defined as full-power
input bandwidth frequency.
www.maximintegrated.com
Maxim Integrated │ 27
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com