Electronic Components Datasheet Search
  English  ▼

X  

QPD1029LEVB4 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # QPD1029LEVB4
Description  1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1029LEVB4 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button QPD1029LEVB4 Datasheet HTML 3Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 4Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 5Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 6Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 7Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 8Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 9Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 10Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
QPD1029L
1500 W, 65 V, 1.2
– 1.4GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B, Sep
2019 │ Subject to change without notice
- 7 of 16-
www.qorvo.com
Measured Load-Pull Smith Charts at 65V 1, 2, 3
Notes:
1.
Test Conditions: VD = 65 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See
”Pin Configuration and Description” for load pull reference planes where the performance was measured.
1.4GHz, Load-pull
59.8
59.3
58.8
58.3
57.8
57.3
56.8
18.5
18
17.5
17
16.5
16
76.4
73.4
70.4
67.4
64.4
61.4
58.4
55.4
• Max Power is 59.9dBm
at Z = 1.412-0.852i
= -0.311-0.2532i
• Max Gain is 18.8dB
at Z = 1.001+0.638i
= -0.4624+0.2332i
• Max DEff is 76.7%
at Z = 1.364+0.304i
= -0.3682+0.0953i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 2.24-1.44i
Zs(2fo) = 1.18-1.71i
Zs(3fo) = 3.38-1.7i
Zl(2fo) = 0.65+1.35i
Power
Gain
DEFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com