Electronic Components Datasheet Search
  English  ▼

X  

QPD1029LEVB4 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPD1029LEVB4
Description  1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1029LEVB4 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPD1029LEVB4 Datasheet HTML 1Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 2Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 3Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 4Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 5Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 6Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 7Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 8Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
QPD1029L
1500 W, 65 V, 1.2
– 1.4GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B, Sep
2019 │ Subject to change without notice
- 3 of 16-
www.qorvo.com
RF Characterization
– Mismatch Ruggedness at 1.2, 1.3, 1.4 GHz 1, 2, 3
Symbol Parameter
dB Compression
Typical
VSWR
Impedance Mismatch Ruggedness
3
 10:1
Notes
:
1.
Test conditions unless otherwise noted: TA = 25 °C, VD = 65 V, IDQ = 1.5 A (combined)
2.
Input drive power is determined at pulsed 3dB compression under matched condition at EVB output connector
3.
Pulse: 100us, 10% Duty cycle
RF Characterization
– 1.2 – 1.4 GHz EVB4 Performance at 1.3 GHz 1
Parameter
Min
Typ
Max
Units
Linear Gain, GLIN
–
19.8
–
 dB
Output Power at 3dB compression point, P3dB
–
1350
–
W
Drain Efficiency at 3dB compression point, DEFF3dB
–
65
–
%
Gain at 3dB compression point, G3dB
–
16.5
–
dB
Gate Leakage
VD = +10 V, VG
= −3.3 V
- 40
–
–
mA
Notes:
1.
VD
= 65 V, IDQ = 1.5 A (combined), Temp = +25 °C, Pulse Width = 100 us, Duty Cycle = 10%
Maximum Gate Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com