Electronic Components Datasheet Search
  English  ▼

X  

QPD1029LEVB4 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPD1029LEVB4
Description  1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1029LEVB4 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPD1029LEVB4 Datasheet HTML 8Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 9Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 10Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 11Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 12Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 13Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 14Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 15Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 16Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
QPD1029L
1500 W, 65 V, 1.2
– 1.4GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B, Sep
2019 │ Subject to change without notice
- 16 of 16-
www.qorvo.com
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1B
JEDEC JS-001
ESD – Charged Device Model (CDM)
Class C3
JEDEC JS-002
MSL – Moisture Sensitivity Level
MSL3
JESD J-STD-020
(260°C Convection reflow)
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
Qorvo:
Web:
www.qorvo.com
Tel:
+1.844.890.8163
Email: info-sales@qorvo.com
For technical questions and application information:
Email: info-products@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information.
THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS
DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS
WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR
OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2018 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Solderability
Compatible with both lead-free (260°C max. reflow temp.) and tin/lead (245°C max. reflow temp.) soldering processes.
Solder profiles available upon request.
The use of no-clean solder to avoid washing after soldering is recommended.
Contact plating: NiAu. Minimum Au thickness is 100micro-inches
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
• PFOS Free
• SVHC Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com