Electronic Components Datasheet Search
  English  ▼

X  

QPD1029LEVB4 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1029LEVB4
Description  1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1029LEVB4 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1029LEVB4 Datasheet HTML 8Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 9Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 10Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 11Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 12Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 13Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 14Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 15Page - Qorvo, Inc QPD1029LEVB4 Datasheet HTML 16Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
QPD1029L
1500 W, 65 V, 1.2
– 1.4GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B, Sep
2019 │ Subject to change without notice
- 13 of 16-
www.qorvo.com
1.2
– 1.4 GHz Application Circuit – Bill of Material EVB4
Ref Des
Qty
Description
Mfg Name
Mfg Part #
U1
1
1500W, 65V, Pre-matched, 1.2-1.4GHz,
Fla
Qorvo
QPD1029L
C7,C14
2
CAP, 3.0PF, +/-0.1pF, 250V, HI-Q, 0603
American Technical
Ceramics
600S3R0BW250XT
C1,C2
2
CAP, 24pF, 1%, 250V, C0G, 0603
American Technical
Ceramics
600S240FT250XT
C31,C32,C35,C36
4
CAP, 2.2pF, 0.1pF, 250V, C0G, 0805
American Technical
Ceramics
600F2R2BT250XT
C23,C25,C26,C30
4
CAP, 3.3pF, 0.1pF, 250V, C0G, 0805
American Technical
Ceramics
600F3R3BT250XT
C24,C27,C28,C29,C34,C41
6
CAP, 3.9pF, 0.1pF, 250V, C0G, 0805
American Technical
Ceramics
600F3R9BT250XT
C9,C10
2
CAP, 27pF, 5%, 250V, NP0, 0603
American Technical
Ceramics
600S270JT250XT
C5,C6
2
CAP, 82pF, 5%, 250V, HI-Q, C0G, 0603
American Technical
Ceramics
600S820JT250XT
C8,C12,C13,C15,C16,C17,C18,C19
8
CAP, 2.7pF, 0.1pF, 250V, 0603
American Technical
Ceramics
600S2R7BT250XT
C3,C4
2
CAP, 4.7uF, 10%, 50V, X7R, 1206
MURATA
ELECTRONICS
SINGAPORE PTE LT
GRM31CR71H475KA12L
C22,C33
2
CAP, 10uF, 20%, 100V, X7S, 2220
TDK SINGAPORE
(PTE) LTD
C5750X7S2A106M230KB
C42,C43
2
CAP, 47pF, 5%, 250V, HI-Q, 0805
American Technical
Ceramics
600F470JT250XT
C11,C20,C39,C40
2
CAP, 680uF, ±20%, 80V, Alum Cap, SMD
VISHAY AMERCIAS
INC
MAL215099708E3
C37,C38
2
CAP, 1.8pF, 0.1 pF, 500V, C0G, 1111,
SMD
American Technical
Ceramics
800B1R8BT500XT
R2,R3
2
RES, 10 OHM, 1%, 0.1W, 0603
KOA Speer
Electronics, Inc.
RK73H1JTTD10R0F
R1
1
RES, 100 OHM, 1%, 0.1W, 0603
Kamaya, Inc
RMC1/16K1000FTP
R1
1
RES, 100 OHM, ±5%, 1/10W, 0603
VISHAY AMERCIAS
INC
CRCW0603100RJNTA
R1
1
RES, 100 OHM, 1%, 1/10W, 0603
Panasonic Industrial
Devices Sales
ERJ-3EKF1000V
L1,L2
2
Ind0805 WW 110nH ROHS
Coilcraft, Inc.
0805CS-111XGRC
L1,L2
2
IND, 110nH, 5%, W/W, 0805
Coilcraft, Inc.
0805CS-111XJBC
RFOUT
1
CONN, SERIES N, STRIPLINE LAUNCHER,
MALE
HUBER+SUHNER,
Inc.
22642834
RFIN
1
CONN, COAXIAL, 11 GHz, N-FLANGE,
FEMALE
HUBER+SUHNER,
Inc.
23_N-50-0-33/133_NE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com