Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 2Page - Texas Instruments OPA328 Datasheet HTML 3Page - Texas Instruments OPA328 Datasheet HTML 4Page - Texas Instruments OPA328 Datasheet HTML 5Page - Texas Instruments OPA328 Datasheet HTML 6Page - Texas Instruments OPA328 Datasheet HTML 7Page - Texas Instruments OPA328 Datasheet HTML 8Page - Texas Instruments OPA328 Datasheet HTML 9Page - Texas Instruments OPA328 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±1.1 V to ±2.75 V (VS = 2.2 V to 5.5 V), RL = 10 kΩ connected to VS / 2, VCM = VOUT = VS / 2, and min and
max specification established from manufacturing final test (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing
from both rails
VS = 2.2 V
5
mV
RL = 2 kΩ
15
Voltage output swing
from both rails
VS = 5.5 V
5
mV
RL = 2 kΩ
15
ISC
Short-circuit current
Sinking, VS = 5.5 V
-65
mA
Sourcing, VS = 5.5 V
+65
CLOAD
Capacitive load drive
TBD
RO
Open-loop output
impedance
f = 10 kHz
55
Ω
OUTPUT DISABLE
IQSD
Quiescent current in
shutdown
Both amplifiers A and B disabled
20
TBD
µA
tON
Output enable time
20
µs
tOFF
Output disable time
3
µs
ZOFF
Output impedance in
shutdown
Both amplifiers A and B disabled
1 || TBD
GΩ || pF
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
3.8
TBD
mA
IO = 0 A, TA = –40°C to +125°C
TBD
OPA2328
SBOS957 – FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com