Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 4Page - Texas Instruments OPA328 Datasheet HTML 5Page - Texas Instruments OPA328 Datasheet HTML 6Page - Texas Instruments OPA328 Datasheet HTML 7Page - Texas Instruments OPA328 Datasheet HTML 8Page - Texas Instruments OPA328 Datasheet HTML 9Page - Texas Instruments OPA328 Datasheet HTML 10Page - Texas Instruments OPA328 Datasheet HTML 11Page - Texas Instruments OPA328 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, VCM = VOUT = mid-supply, CL = 20 pF, and RL = 10 kΩ (unless otherwise noted)
Temperature (°C)
-50
-25
0
25
50
75
100
125
-10
-5
0
5
10
Figure 6-7. PSRR vs Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
100
120
140
160
10
1
0.1
0.01
VS = 2.2 V
VS = 5.5 V
Figure 6-8. CMRR vs Temperature
Frequency (Hz)
1
2
3
5
10
20
30
50
100
200
300
500
1000
100m
1
10
100
1k
10k
100k
1M
10M
Figure 6-9. Input Voltage Noise Spectral Density vs Frequency
Time (1 s/div)
Figure 6-10. 0.1-Hz to 10-Hz Input Voltage Noise
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
100M
G = −1
G =
+1
G =
+10
G =
+100
Figure 6-11. Closed-Loop Gain vs Frequency
Frequency (Hz)
0
1
2
3
4
5
6
7
8
1
10
100
1k
10k
100k
1M
10M
VS = 5.5 V
VS = 2.2 V
Figure 6-12. Maximum Output Voltage vs Frequency
OPA2328
SBOS957 – FEBRUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com