Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 5Page - Texas Instruments OPA328 Datasheet HTML 6Page - Texas Instruments OPA328 Datasheet HTML 7Page - Texas Instruments OPA328 Datasheet HTML 8Page - Texas Instruments OPA328 Datasheet HTML 9Page - Texas Instruments OPA328 Datasheet HTML 10Page - Texas Instruments OPA328 Datasheet HTML 11Page - Texas Instruments OPA328 Datasheet HTML 12Page - Texas Instruments OPA328 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, VCM = VOUT = mid-supply, CL = 20 pF, and RL = 10 kΩ (unless otherwise noted)
Output Current (mA)
0
0.3
0.6
0.9
1.2
0
10
20
30
40
50
60
70
TA = −40C
TA = 25C
TA = 85C
TA = 125C
VV+ = 1.1 V, VV– = –1.1 V, current source load
Figure 6-13. Output Voltage Swing vs Output Current
Output Current (mA)
-1.2
-0.9
-0.6
-0.3
0
0
10
20
30
40
50
60
70
TA = −40C
TA = 25C
TA = 85C
TA = 125C
VV+ = 1.1 V, VV– = –1.1 V, current source load
Figure 6-14. Output Voltage Swing vs Output Current
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
1
1.25
1.5
1.75
2
2.25
2.5
2.75
TA = −40C
TA = 25C
TA = 85C
TA = 125C
VV+ = 2.75 V, VV– = –2.75 V, current source load
Figure 6-15. Output Voltage Swing vs Output Current
Output Current (mA)
0
-20
-40
-60
-80
-100
-120
-2.75
-2.25
-1.75
-1.25
TA = −40C
TA = 25C
TA = 85C
TA = 125C
VV+ = 2.75 V, VV– = –2.75 V, current source load
Figure 6-16. Output Voltage Swing vs Output Current
Output Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
VS = 5.5 V
VS = 5.0 V
VS = 4.0 V
VS = 3.0 V
VS = 2.2 V
VV+ = 5.5 V, VV– = 0 V, voltage source load
Figure 6-17. Output Voltage Swing vs Output Current
Frequency (Hz)
30
50
70
100
200
300
500
700
1000
2000
3000
5000
7000
10000
1
10
100
1k
10k
100k
1M
10M
Figure 6-18. Open-Loop Output Impedance vs Frequency
www.ti.com
OPA2328
SBOS957 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com