Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 9Page - Texas Instruments OPA328 Datasheet HTML 10Page - Texas Instruments OPA328 Datasheet HTML 11Page - Texas Instruments OPA328 Datasheet HTML 12Page - Texas Instruments OPA328 Datasheet HTML 13Page - Texas Instruments OPA328 Datasheet HTML 14Page - Texas Instruments OPA328 Datasheet HTML 15Page - Texas Instruments OPA328 Datasheet HTML 16Page - Texas Instruments OPA328 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
7.3 Feature Description
7.3.1 Input and ESD Protection
The OPAx328 incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of
input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit input overdrive protection, provided
that the current is limited to 10 mA. Many input signals are inherently current-limited to less than 10 mA;
therefore, a limiting resistor is not required. Figure 7-1 shows how a series input resistor (RIN) may be added
to the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier input;
therefore, keep this value to a minimum in noise-sensitive applications.
V+
Amp
VOUT
VIN
IOVERLOAD
10 mA Max
+
–
RIN
Figure 7-1. Input Current Protection
7.3.2 Rail-to-Rail Input
The OPAx328 features true rail-to-rail input operation, with supply voltages as low as ±1.1 V (2.2 V). The
design of the OPAx328 amplifiers include an internal charge-pump that powers the amplifier input stage with an
internal supply rail at approximately 1.6 V above the external supply (VS+). This internal supply rail allows
the single differential input pair to operate and remain very linear over a very-wide input common-mode
range. A unique zero-crossover input topology eliminates the input offset transition region typical of many
rail-to-rail, complementary-input-stage, operational amplifiers. This topology allows the OPAx328 to provide
superior common-mode performance (CMRR > 120 dB, typical) over the entire common-mode input range,
which extends 100 mV beyond both power-supply rails. When driving analog-to-digital converters (ADCs), the
highly linear VCM range of the OPAx328 provides maximum linearity and lowest distortion.
7.3.3 Phase Reversal
The OPAx328 op amps are designed to be immune to phase reversal when the input pins exceed the supply
voltages, and thus provide further in-system stability and predictability. Figure 7-2 shows the input voltage
exceeding the supply voltage without any phase reversal.
Time (100 µs/div)
VIN
VOUT
Figure 7-2. No Phase Reversal
7.4 Device Functional Modes
The OPAx328 operational amplifier is operational when power-supply voltages between 2.2 V to 5.5 V are
applied. Devices with an S suffix have shutdown capability.
www.ti.com
OPA2328
SBOS957 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com