Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 39 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 39 Page - Texas Instruments

Back Button 1250 Datasheet HTML 35Page - Texas Instruments 1250 Datasheet HTML 36Page - Texas Instruments 1250 Datasheet HTML 37Page - Texas Instruments 1250 Datasheet HTML 38Page - Texas Instruments 1250 Datasheet HTML 39Page - Texas Instruments 1250 Datasheet HTML 40Page - Texas Instruments 1250 Datasheet HTML 41Page - Texas Instruments 1250 Datasheet HTML 42Page - Texas Instruments 1250 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 39 of 51
0x11: MDMCFG3 – Modulator configuration
Bit
Field Name
Reset
R/W
Description
7:0
DRATE_M[7:0]
34 (0x22)
R/W
The mantissa of the user specified symbol rate. The symbol
rate is configured using an unsigned, floating-point number
with 9-bit mantissa and 4-bit exponent. The 9
th bit is a
hidden ‘1’. The resulting data rate is:
(
)
XOSC
E
DRATE
DATA
f
M
DRATE
R
⋅
⋅
+
=
28
_
2
2
_
256
The default values give a data rate of 115.051kbps (closest
setting to 115.2kbps), assuming a 26.0MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com