Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 9 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 1250 Datasheet HTML 5Page - Texas Instruments 1250 Datasheet HTML 6Page - Texas Instruments 1250 Datasheet HTML 7Page - Texas Instruments 1250 Datasheet HTML 8Page - Texas Instruments 1250 Datasheet HTML 9Page - Texas Instruments 1250 Datasheet HTML 10Page - Texas Instruments 1250 Datasheet HTML 11Page - Texas Instruments 1250 Datasheet HTML 12Page - Texas Instruments 1250 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 9 of 51
Parameter
Min
Typ
Max
Unit
Condition/Note
Power-up ramp-up time.
5
ms
From 0V until reaching 1.8V
Power off time
1
ms
Minimum time between power-on and power-off.
Table 10: Power-on Reset Requirements
12 Pin Configuration
GND
Exposed die
attach pad
5
6
7
8
9CSn
10 RF_P
11 RF_N
12 AVDD
13
14
15
16
1
SCLK
2
SO (GDO1)
3
DVDD
4
DCOUPL
Figure 1: Pinout top view
Note: The exposed die attach pad must be connected to a solid ground plane as this is the main
ground connection for the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com