Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 49 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 49 Page - Texas Instruments

Back Button 1250 Datasheet HTML 42Page - Texas Instruments 1250 Datasheet HTML 43Page - Texas Instruments 1250 Datasheet HTML 44Page - Texas Instruments 1250 Datasheet HTML 45Page - Texas Instruments 1250 Datasheet HTML 46Page - Texas Instruments 1250 Datasheet HTML 47Page - Texas Instruments 1250 Datasheet HTML 48Page - Texas Instruments 1250 Datasheet HTML 49Page - Texas Instruments 1250 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 49 of 51
34.4 Tray specification
CC2550 can be delivered in standard QLP 4x4mm shipping trays.
Tray Specification
Package
Tray Width
Tray Height
Tray Length
Units per Tray
QLP 16
125.9mm
7.62mm
322.6mm
490
Table 30: Tray specification
34.5 Carrier tape and reel specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QLP 16
TBD
TBD
TBD
13 inches
2500
Table 31: Carrier tape and reel specification
35 Ordering Information
Ordering part number
Description
Minimum Order Quantity (MOQ)
1169
CC2550 - RTY1 QLP16 RoHS Pb-free 490/tray
490 (tray)
1250
CC2550 - RTR1 QLP16 RoHS Pb-free 2500/T&R
2500 (tape and reel)
1194
CC2550 SK Sample kit 5pcs.
1
10069
CC2500_CC2550 DK Development Kit
1
Table 32: Ordering Information
36 General Information
36.1 Document History
Revision
Date
Description/Changes
1.1
2005-06-27 Updated TEST1 register default value. 26-27MHz crystal range. Added matching
information. Added information about using a reference signal instead of a crystal.
1.0
2005-01-24 First preliminary data sheet release.
Table 33: Document history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com