Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 37 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 37 Page - Texas Instruments

Back Button 1250 Datasheet HTML 33Page - Texas Instruments 1250 Datasheet HTML 34Page - Texas Instruments 1250 Datasheet HTML 35Page - Texas Instruments 1250 Datasheet HTML 36Page - Texas Instruments 1250 Datasheet HTML 37Page - Texas Instruments 1250 Datasheet HTML 38Page - Texas Instruments 1250 Datasheet HTML 39Page - Texas Instruments 1250 Datasheet HTML 40Page - Texas Instruments 1250 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 37 of 51
0x04: SYNC1– Sync word, high byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[15:8]
211 (0xD3)
R/W
8 MSB of 16-bit sync word
0x05: SYNC0 – Sync word, low byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[7:0]
145 (0x91)
R/W
8 LSB of 16-bit sync word
0x06: PKTLEN – Packet length
Bit
Field Name
Reset
R/W
Description
7:0
PACKET_LENGTH
255 (0xFF)
R/W
Indicates the packet length when fixed length
packets are enabled.
0x08: PKTCTRL0 – Packet automation control
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6
WHITE_DATA
1
R/W
Turn data whitening on / off
0: Whitening off
1: Whitening on
5:4
PKT_FORMAT[1:0]
0 (00)
R/W
Format of RX and TX data
Setting
Packet format
0 (00)
Normal mode, use TX FIFO
1 (01)
Serial Synchronous mode, used for backwards
compatibility
2 (10)
Random TX mode; sends random data using PN9
generator. Used for test.
3 (11)
Asynchronous transparent mode. Data in on
GDO0
and Data out on either of the GDO pins
3
CC2400_EN
0
R/W
Enable CC2400 support. Use same CRC implementation as
CC2400.
2
CRC_EN
1
R/W
1: CRC calculation enabled
0: CRC disabled
1:0
LENGTH_CONFIG[1:0]
1 (01)
R/W
Configure the packet length
Setting
Packet length configuration
0 (00)
Fixed length packets, length configured in
PKTLEN register
1 (01)
Variable length packets, packet length configured
by the first byte after sync word
2 (10)
Enable infinite length packets
3 (11)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com