Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 5 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 5 Page - Texas Instruments

  1250 Datasheet HTML 1Page - Texas Instruments 1250 Datasheet HTML 2Page - Texas Instruments 1250 Datasheet HTML 3Page - Texas Instruments 1250 Datasheet HTML 4Page - Texas Instruments 1250 Datasheet HTML 5Page - Texas Instruments 1250 Datasheet HTML 6Page - Texas Instruments 1250 Datasheet HTML 7Page - Texas Instruments 1250 Datasheet HTML 8Page - Texas Instruments 1250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 5 of 51
2
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
Parameter
Min
Max
Units
Condition
Supply voltage
–0.3
3.6
V
All supply pins must have the same voltage
Voltage on any digital pin
–0.3
VDD+0.3
max 3.6
V
Voltage on the pins RF_P, RF_N
and DCOUPL
–0.3
2.0
V
Voltage ramp-up rate
120
kV/µs
Input RF level
10
dBm
Storage temperature range
–50
150
°C
Solder reflow temperature
260
°C
T = 10 s
Table 1: Absolute Maximum Ratings
3
Operating Conditions
The operating conditions for
CC2550 are listed Table 2 in below.
Parameter
Min
Max
Unit
Condition
Operating temperature
–40
85
°C
Operating supply voltage
1.8
3.6
V
All supply pins must have the same voltage
Table 2: Operating Conditions
4
Electrical Specifications
Tc = 25
°C, VDD = 3.0V if nothing else stated. The values are preliminary results and will be updated in later versions of
the data sheet.
Parameter
Min Typ
Max
Unit Condition
Current consumption
1.2
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
6.8
mA
Only the frequency synthesizer running (after going from IDLE
until reaching TX state, and frequency calibration states)
12.8
mA
Transmit mode, –12dBm output power (TX state)
16.4
mA
Transmit mode, -6dBm output power (TX state)
22.8
mA
Transmit mode, 0dBm output power (TX state)
Current consumption in power
down modes
180
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
200
nA
Voltage regulator to digital part off (SLEEP state)
Table 3: Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com