Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 30 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 30 Page - Texas Instruments

Back Button 1250 Datasheet HTML 26Page - Texas Instruments 1250 Datasheet HTML 27Page - Texas Instruments 1250 Datasheet HTML 28Page - Texas Instruments 1250 Datasheet HTML 29Page - Texas Instruments 1250 Datasheet HTML 30Page - Texas Instruments 1250 Datasheet HTML 31Page - Texas Instruments 1250 Datasheet HTML 32Page - Texas Instruments 1250 Datasheet HTML 33Page - Texas Instruments 1250 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 30 of 51
The
passive
matching/filtering
network
connected to
CC2550 should have the following
differential impedance as seen from the RF-
port (RF_P and RF_N) towards the antenna:
Zout = 80 + j74 Ω
31 General Purpose / Test Output Control Pins
The two digital output pins GDO0 and GDO1 are
general control pins. Their functions are
programmed by IOCFG0.GDO0_CFG
and
IOCFG1.GDO1_CFG respectively. Table 23
shows the different signals that can be
monitored on the GDO pins. These signals can
be used as an interrupt to the MCU. GDO1 is
the same pin as the SO pin on the SPI
interface, thus the output programmed on this
pin will only be valid when CSn is high. The
default value for GDO1 is 3-stated, which is
useful when the SPI interface is shared with
other devices.
The default value for GDO0 is a 125kHz-
146kHz clock output (XOSC frequency divided
by 192). Since the XOSC is turned on at
power-on-reset, this can be used to clock the
MCU in systems with only one crystal. When
the MCU is up and running, it can change the
clock
frequency
by
writing
to
IOCFG0.GDO0_CFG. This will not produce
any clock glitches.
An on-chip analog temperature sensor is
enabled by writing the value 128 (0x80h) to the
IOCFG0.GDO0_CFG register. The voltage on
the
GDO0
pin
is
then
proportional
to
temperature. See section 9 on page 8 for
temperature sensor specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com