Electronic Components Datasheet Search
  English  ▼

X  

1250 Datasheet(PDF) 8 Page - Texas Instruments

Part # 1250
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 1250 Datasheet HTML 4Page - Texas Instruments 1250 Datasheet HTML 5Page - Texas Instruments 1250 Datasheet HTML 6Page - Texas Instruments 1250 Datasheet HTML 7Page - Texas Instruments 1250 Datasheet HTML 8Page - Texas Instruments 1250 Datasheet HTML 9Page - Texas Instruments 1250 Datasheet HTML 10Page - Texas Instruments 1250 Datasheet HTML 11Page - Texas Instruments 1250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 8 of 51
9
Analog temperature sensor
The characteristics of the analog temperature sensor are listed in Table 8 below. Note that it is
necessary to write 0xBF to the PTEST register to use the analog temperature sensor in the IDLE
state.
The values in the table are simulated results and will be updated in later versions of the data sheet. Minimum / maximum
values are valid over entire supply voltage range. Typical values are for 3.0V supply voltage.
Parameter
Min
Typ
Max
Unit
Condition/Note
Output voltage at –40
°C
0.638
0.648
0.706
V
Output voltage at 0
°C
0.733
0.743
0.793
V
Output voltage at +40
°C
0.828
0.840
0.891
V
Output voltage at +80
°C
0.924
0.939
0.992
V
Output voltage at +120
°C
1.022
1.039
1.093
V
Temperature coefficient
2.35
2.45
2.46
mV/
°C
Fitted from –20
°C to +80°C
Absolute error in calculated
temperature
–14
–8
+14
°C
From –20
°C to +80°C when assuming best fit for
absolute accuracy: 0.763V at 0
°C and 2.44mV / °C
Error in calculated
temperature, calibrated
–2
+2
°C
From –20
°C to +80°C when using 2.44mV / °C,
after 1-point calibration at room temperature
Settling time after enabling
TBD
µs
Current consumption
increase when enabled
0.3
mA
Table 8: Analog Temperature Sensor Parameters
10 DC Characteristics
The DC Characteristics of
CC2550 are listed in Table 9 below.
Tc = 25
°C if nothing else stated.
Digital Inputs/Outputs
Min
Max
Unit
Condition
Logic "0" input voltage
0
0.7
V
Logic "1" input voltage
VDD-0.7
VDD
V
Logic "0" output voltage
0
0.5
V
For up to 4mA output current
Logic "1" output voltage
VDD-0.3
VDD
V
For up to 4mA output current
Logic "0" input current
N/A
–1
µA
Input equals 0V
Logic "1" input current
N/A
1
µA
Input equals VDD
Table 9: DC Characteristics
11 Power On Reset
When the power supply complies with the requirements in Table 10 below, proper Power-On-
Reset functionality is guaranteed. Otherwise, the chip should be assumed to have unknown state
until transmitting an SRES strobe over the SPI interface. It is recommended to transmit an SRES
strobe after turning power on in any case. See section 23.1 on page 23 for a description of the
recommended start up sequence after turning power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com