Electronic Components Datasheet Search
  English  ▼

X  

ADXL367 Datasheet(PDF) 39 Page - Analog Devices

Part # ADXL367
Description  Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL367 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADXL367 Datasheet HTML 35Page - Analog Devices ADXL367 Datasheet HTML 36Page - Analog Devices ADXL367 Datasheet HTML 37Page - Analog Devices ADXL367 Datasheet HTML 38Page - Analog Devices ADXL367 Datasheet HTML 39Page - Analog Devices ADXL367 Datasheet HTML 40Page - Analog Devices ADXL367 Datasheet HTML 41Page - Analog Devices ADXL367 Datasheet HTML 42Page - Analog Devices ADXL367 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Data Sheet
ADXL367
REGISTER DETAILS
analog.com
Rev. 0 | 39 of 64
Table 40. Bit Descriptions for TIME_ACT
Bits
Bit Name
Settings
Description
Reset
Access
Positives section for additional information. The value in this register sets the number of consecutive
samples that must have at least one axis greater than the activity threshold (set by THRESH_ACT) for an
activity event to be detected.
THRESHOLD INACTIVITY BITS[12:6] REGISTER
Address: 0x23, Reset: 0x00, Name: THRESH_INACT_H
Table 41. Bit Descriptions for THRESH_INACT_H
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
THRESH_INACT[12:6]
To detect inactivity, the absolute value of the 14-bit acceleration data is compared with
the 13-bit (unsigned) THRESH_INACT value, inactivity = acceleration < acceleration. See
the Motion Detection section for more information. The term, THRESH_INACT, refers to a
13-bit unsigned value comprised of the THRESH_INACT_L registers, which holds its six
LSBs (THRESH_INACT[5:0]) and the THRESH_INACT_H register, which holds its seven
MSBs (THRESH_INACT[12:6]).
0x0
R/W
THRESHOLD INACTIVITY BITS[5:0] REGISTER
Address: 0x24, Reset: 0x00, Name: THRESH_INACT_L
Table 42. Bit Descriptions for THRESH_INACT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
THRESH_INACT[5:0]
To detect inactivity, the absolute value of the 14-bit acceleration data is compared with the
13-bit (unsigned) THRESH_INACT value, inactivity = acceleration < acceleration. See the
Motion Detection section for more information. The term, THRESH_INACT, refers to a 13-bit
unsigned value comprised of the THRESH_INACT_L register, which holds its six LSBs
(THRESH_INACT[5:0]) and the THRESH_INACT_H register, which holds its seven MSBs
(THRESH_INACT[12:6]).
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
TIMED INACTIVITY BITS[15:8] REGISTER
Address: 0x25, Reset: 0x00, Name: TIME_INACT_H
Table 43. Bit Descriptions for TIME_INACT_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TIME_INACT[15:8]
The 16-bit value in these registers sets the number of consecutive samples that must have all
axes lower than the inactivity threshold (set by THRESH_INACT) for an inactivity event to be
detected.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com