Electronic Components Datasheet Search
  English  ▼

X  

ADXL367 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL367
Description  Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL367 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL367 Datasheet HTML 9Page - Analog Devices ADXL367 Datasheet HTML 10Page - Analog Devices ADXL367 Datasheet HTML 11Page - Analog Devices ADXL367 Datasheet HTML 12Page - Analog Devices ADXL367 Datasheet HTML 13Page - Analog Devices ADXL367 Datasheet HTML 14Page - Analog Devices ADXL367 Datasheet HTML 15Page - Analog Devices ADXL367 Datasheet HTML 16Page - Analog Devices ADXL367 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Data Sheet
ADXL367
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 64
TA = 25°C, VS = 2.0 V, VDDIO = 2.0 V, 100 Hz ODR, ±2 g range, acceleration = 0 g, default settings for other registers, unless otherwise noted.
Figure 20. X-Axis Zero g Offset at 25°C, VS = 2 V
Figure 21. Y-Axis Zero g Offset at 25°C, VS = 2 V
Figure 22. Z-Axis Zero g Offset at 25°C, VS = 2 V
Figure 23. X-Axis Sensitivity at 25°C, VS = 2 V, ±2 g Range
Figure 24. Y-Axis Sensitivity at 25°C, VS = 2 V, ±2 g Range
Figure 25. Z-Axis Sensitivity at 25°C, VS = 2 V, ±2 g Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com