Electronic Components Datasheet Search
  English  ▼

X  

ADXL367 Datasheet(PDF) 49 Page - Analog Devices

Part # ADXL367
Description  Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL367 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADXL367 Datasheet HTML 45Page - Analog Devices ADXL367 Datasheet HTML 46Page - Analog Devices ADXL367 Datasheet HTML 47Page - Analog Devices ADXL367 Datasheet HTML 48Page - Analog Devices ADXL367 Datasheet HTML 49Page - Analog Devices ADXL367 Datasheet HTML 50Page - Analog Devices ADXL367 Datasheet HTML 51Page - Analog Devices ADXL367 Datasheet HTML 52Page - Analog Devices ADXL367 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Data Sheet
ADXL367
REGISTER DETAILS
analog.com
Rev. 0 | 49 of 64
Table 63. Bit Descriptions for TIMER_CTL
Bits
Bit Name
Description
Reset
Access
10011: timer expires after 11.65 hours.
10100: timer expires after 23.2 hours.
INTERRUPT PIN 1 ENABLES (UPPER) REGISTER
Address: 0x3A, Reset: 0x00, Name: INTMAP1_UPPER
Maps interrupts to INT1 pin.
Table 64. Bit Descriptions for INTMAP1_UPPER
Bits
Bit Name
Description
Reset
Access
7
ERR_FUSE_INT1
Configures whether fuse error is mapped to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
6
ERR_USER_REGS_INT1
Configures whether user register error is mapped to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
5
RESERVED
Reserved.
0x0
R
4
KPALV_TIMER_INT1
A setting of 1 maps the keep alive timer to the INT1 pin. A setting of 0 does not map this interrupt
to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
3
TEMP_ADC_HI_INT1
A setting of 1 maps the temperature activity detection to the INT1 pin. A setting of 0 does not map
this interrupt to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
2
TEMP_ADC_LOW_INT1
A setting of 1 maps the temperature inactivity to the INT1 pin. A setting of 0 does not map this
interrupt to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
1
TAP_TWO_INT1
A setting of 1 maps double tap detection to the INT1 pin. A setting of 0 does not map this interrupt
to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
0
TAP_ONE_INT1
A setting of 1 maps tap detection to the INT1 pin. A setting of 0 does not map this interrupt to the
INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
INTERRUPT PIN 2 ENABLES (UPPER) REGISTER
Address: 0x3B, Reset: 0x00, Name: INTMAP2_UPPER
Maps interrupts to INT2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com