Electronic Components Datasheet Search
  English  ▼

X  

ADXL367 Datasheet(PDF) 42 Page - Analog Devices

Part # ADXL367
Description  Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL367 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADXL367 Datasheet HTML 38Page - Analog Devices ADXL367 Datasheet HTML 39Page - Analog Devices ADXL367 Datasheet HTML 40Page - Analog Devices ADXL367 Datasheet HTML 41Page - Analog Devices ADXL367 Datasheet HTML 42Page - Analog Devices ADXL367 Datasheet HTML 43Page - Analog Devices ADXL367 Datasheet HTML 44Page - Analog Devices ADXL367 Datasheet HTML 45Page - Analog Devices ADXL367 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Data Sheet
ADXL367
REGISTER DETAILS
analog.com
Rev. 0 | 42 of 64
Table 46. Bit Descriptions for FIFO_CONTROL
Bits
Bit Name
Description
Reset
Access
11: in triggered mode, the FIFO saves samples surrounding an activity event. The operation is similar to
a one time run trigger on an oscilloscope. The number of samples to be saved prior to the activity event
is specified in FIFO_SAMPLES register, along with the FIFO_SAMPLES[8] bit in this FIFO_CONTROL
register. When an activity event triggers the FIFO to start filling, the desired number of samples are
stored, and the FIFO_WATER_MARK interrupt is activated (if mapped to an interrupt pin), a FIFO read
must be taken before another interrupt can be activated.
FIFO SAMPLE REGISTER
Address: 0x29, Reset: 0x80, Name: FIFO_SAMPLES
Table 47. Bit Descriptions for FIFO_SAMPLES
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FIFO_SAMPLES[7:0]
The value in this register specifies the number of samples sets to store in the FIFO. If the
x-axis, y-axis, and z-axis are configured to be stored in the FIFO and a value of 2 is written to
the FIFO samples, then 6 samples are written into the FIFO. The full range of FIFO samples
is 0 to 511. The default value of this register is 0x80 to avoid triggering the FIFO watermark
interrupt.
0x80
R/W
INTERRUPT PIN 1 ENABLES (LOWER) REGISTER
Address: 0x2A, Reset: 0x00, Name: INTMAP1_LOWER
Table 48. Bit Descriptions for INTMAP1_LOWER
Bits
Bit Name
Description
Reset
Access
7
INT_LOW_INT1
Configures whether the pin operates in active high (Bit 7 low) or active low (Bit 7 high) mode.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
6
AWAKE_INT1
1 = maps the awake status to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
5
INACT_INT1
1 = maps the inactivity status to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
4
ACT_INT1
Enable the activity detected interrupt to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
3
FIFO_OVERRUN_INT1
1 = maps the FIFO overrun status to the INT1 pin.
0x0
R/W
1: interrupt enabled.
0: interrupt disabled.
2
FIFO_WATERMARK_INT1
1 = maps the FIFO watermark status to the INT1 pin.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com