Electronic Components Datasheet Search
  English  ▼

X  

ADXL367 Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL367
Description  Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL367 Datasheet(HTML) 2 Page - Analog Devices

  ADXL367 Datasheet HTML 1Page - Analog Devices ADXL367 Datasheet HTML 2Page - Analog Devices ADXL367 Datasheet HTML 3Page - Analog Devices ADXL367 Datasheet HTML 4Page - Analog Devices ADXL367 Datasheet HTML 5Page - Analog Devices ADXL367 Datasheet HTML 6Page - Analog Devices ADXL367 Datasheet HTML 7Page - Analog Devices ADXL367 Datasheet HTML 8Page - Analog Devices ADXL367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
Data Sheet
ADXL367
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 64
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 4
Timing Specifications......................................... 5
Absolute Maximum Ratings ................................ 11
Thermal Resistance..........................................11
Electrostatic Discharge (ESD) Ratings.............11
Recommended Soldering Profile......................11
ESD Caution.....................................................11
Pin Configuration and Function Descriptions...... 12
Typical Performance Characteristics................... 13
Theory of Operation.............................................17
Mechanical Device Operation.......................... 17
Operating Modes..............................................17
Selectable Measurement Ranges.................... 18
Selectable Output Data Rates..........................18
Power/Noise Tradeoff.......................................18
Temperature Sensor.........................................18
External ADC....................................................18
Power Savings Features..................................... 20
Ultralow Power Consumption in All Modes...... 20
External ADC Interrupt..................................... 20
Motion Detection.............................................. 20
FIFO................................................................. 23
Communications...............................................23
Additional Features..............................................25
Free Fall Detection........................................... 25
Tap Detection................................................... 25
External Clock.................................................. 25
External Trigger ...............................................25
Self Test............................................................25
User Register Protection.................................. 26
Serial Communications........................................27
SPI Commands................................................ 27
Multibyte Transfers...........................................27
Invalid Addresses and Address Aliasing.......... 27
Latency Restrictions......................................... 27
Invalid Commands............................................27
SPI Bus Sharing...............................................27
I2C.................................................................... 28
Register Map....................................................... 29
Register Details................................................... 31
ADI Device ID Register.................................... 31
MEMS Device ID Register................................31
Part ID Register................................................31
Revision ID Register.........................................31
XID Registers................................................... 31
X-Data Bits[13:6] Register................................32
Y-Data Bits[13:6] Register................................ 33
Z-Data Bits[13:6] Register................................ 33
Status Register.................................................33
FIFO Entries Bits[7:0] Register.........................34
FIFO Entries Bits[9:8] Register.........................34
X-Data Bits[13:6] Register................................34
X-Data Bits[5:0] Register..................................35
Y-Data Bits[13:6] Register................................ 35
Y-Data Bits[5:0] Register.................................. 35
Z-Data Bits[13:6] Register................................ 35
Z-Data Bits[5:0] Register.................................. 36
Temperate Data Bits[13:6] Register................. 36
Temperate Data Bits[5:0] Register................... 36
ADC Data Bits[13:6] Register...........................36
ADC Data Bits[5:0] Register.............................37
I2C FIFO Data Register.................................... 37
Soft Reset Register.......................................... 37
Threshold Activity Bits[12:6] Register...............38
Threshold Activity Bits[5:0] Register.................38
Timed Activity Register.....................................38
Threshold Inactivity Bits[12:6] Register............ 39
Threshold Inactivity Bits[5:0] Register.............. 39
Timed Inactivity Bits[15:8] Register.................. 39
Timed Inactivity Bits[7:0] Register.................... 40
Activity Inactivity Control Register.................... 40
FIFO Control Register...................................... 40
FIFO Sample Register......................................42
Interrupt Pin 1 Enables (Lower) Register......... 42
Interrupt Pin 2 Enables (Lower) Register......... 43
Filter Control Register...................................... 44
Power Control Register.................................... 44
User Self Test Register.....................................45
Tap Threshold Register.................................... 45
Tap Duration Register.......................................45
Tap Latency Register........................................46
Tap Window Register....................................... 46
X-Axis User Offset Register............................. 46
Y-Axis User Offset Register..............................46
Z-Axis User Offset Register..............................47
X-Axis User Sensitivity Register.......................47
Y-Axis User Sensitivity Register....................... 47
Z-Axis User Sensitivity Register....................... 48
Timer Control Register..................................... 48
Interrupt Pin 1 Enables (Upper) Register......... 49
Interrupt Pin 2 Enables (Upper) Register......... 49
ADC Control Register.......................................50
Temperature Configuration Register................ 51
TEMP_ADC_ACT_THRSH_HIGH Register.....51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com